Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD-112095-5021 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-112095-5021
Description  BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-112095-5021 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-112095-5021 Datasheet HTML 1Page - Molex Electronics Ltd. SD-112095-5021 Datasheet HTML 2Page - Molex Electronics Ltd. SD-112095-5021 Datasheet HTML 3Page - Molex Electronics Ltd. SD-112095-5021 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
REVISION:
ECR/ECN INFORMATION:
SHEET No.
EC No:
NA
A
DATE:
2010/02 /01
TITLE:
Modbus TCP
IO Block IP67 60MM M12 8 Ports with
Power connector 4 Poles
1 of 1
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-112095-5021
SZOUTARD
SMENARD
SZOUTARD
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Part Number
Description
TCDEM-8D0N-DYU IO:MDB/TCP:IP67:60MM:8P4:16DI:NPN
TCDEM-8C2N-DYU IO:MDB/TCP:IP67:60MM:8P4:14DI/2DO:NPN
TCDEM-8B4N-DYU
IO:MDB/TCP:IP67:60MM:8P4:12DI/4DO:NPN
TCDEM-888N-DYU
IO:MDB/TCP:IP67:60MM:8P4:8DI/8DO:NPN
TCDEM-8D0P-DYU
IO:MDB/TCP:IP67:60MM:8P4:16DI:PNP
TCDEM-8C2P-DYU
IO:MDB/TCP:IP67:60MM:8P4:14DI/2DO:PNP
TCDEM-8B4P-DYU
IO:MDB/TCP:IP67:60MM:8P4:12DI/4DO:PNP
TCDEM-888P-DYU
IO:MDB/TCP:IP67:60MM:8P4:8DI/8DO:PNP
TCDEM-8YYX-DYU IO:MDB/TCP:IP67:60MM:8P4:16 DCONFIG


Similar Part No. - SD-112095-5021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-112095-5021 MOLEX11-SD-112095-5021 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
SD-112095-5021 MOLEX11-SD-112095-5021 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
More results

Similar Description - SD-112095-5021

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120955008 MOLEX11-1120955008 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs PNP
1120955004 MOLEX11-1120955004 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 14 Inputs, 2 Outputs NPN
1120955028 MOLEX11-1120955028 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
1120955010 MOLEX11-1120955010 Datasheet
977Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs PNP
1120955007 MOLEX11-1120955007 Datasheet
966Kb / 4P
   BradControl Class 60mm 8 Port IO module, 16 Inputs PNP
1120955027 MOLEX11-1120955027 Datasheet
437Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
1120955009 MOLEX11-1120955009 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs PNP
1120955006 MOLEX11-1120955006 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 8 Inputs, 8 Outputs NPN
1120955005 MOLEX11-1120955005 Datasheet
969Kb / 4P
   BradControl Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
1120955023 MOLEX11-1120955023 Datasheet
437Kb / 4P
   BradControl??Class 60mm 8 Port IO module, 12 Inputs, 4 Outputs NPN
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com