Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5024940870 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5024940870
Description  2.00mm (.079") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Right Angle, 8 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5024940870 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5024940870 Datasheet HTML 1Page - Molex Electronics Ltd. 5024940870 Datasheet HTML 2Page - Molex Electronics Ltd. 5024940870 Datasheet HTML 3Page - Molex Electronics Ltd. 5024940870 Datasheet HTML 4Page - Molex Electronics Ltd. 5024940870 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5024940870
Status:
Active
Description:
2.00mm (.079") Pitch CLIK-Mate™ Wire-to-Board PCB Receptacle, Single Row, Right
Angle, 8 Circuits
Documents:
3D Model
Product Specification PS-502443-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
502494
Application
Wire-to-Board
MolexKits
Yes
Product Name
CLIK-Mate™
Physical
Circuits (Loaded)
8
Circuits (maximum)
8
Durability (mating cycles max)
30
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Mated Height (in)
0.272 In
Mated Height (mm)
6.90 mm
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
80.000
Plating min: Mating (µm)
2.00
Plating min: Termination (µin)
40.000
Plating min: Termination (µm)
1.00
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Application Specification
AS-502439-001, AS-502439-002
Packaging Specification
SPK-502494-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
502494Series
Mates With
502439 Crimp Housing


Similar Part No. - 5024940870

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5024940470 MOLEX11-5024940470 Datasheet
271Kb / 5P
   2.00mm (.079") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Right Angle, 4 Circuits
5024940670 MOLEX11-5024940670 Datasheet
271Kb / 5P
   2.00mm (.079") Pitch CLIK-Mate Wire-to-Board PCB Receptacle, Single Row, Right Angle, 6 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com