Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELJFQF1N2JF Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELJFQF1N2JF
Description  Fixed Inductors (Chip Inductors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJFQF1N2JF Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELJFQF1N2JF Datasheet HTML 1Page - Panasonic Semiconductor ELJFQF1N2JF Datasheet HTML 2Page - Panasonic Semiconductor ELJFQF1N2JF Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.2
±0.1
0.2
±0.1
1.0
±0.05
0.5
±0.05
1.5 to 1.7
0.5 to 0.6
QF Type 1005 (0402)
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
100 MHz
min.
800 MHz
typ.
ELJQF1N0 F
1.0
D : ±0.3 nH
Z : ±0.2 nH
100
10
41
6000
0.05
400
ELJQF1N2 F
1.2
41
6000
0.06
400
ELJQF1N5 F
1.5
40
6000
0.07
400
ELJQF1N8 F
1.8
40
6000
0.08
400
ELJQF2N2 F
2.2
40
6000
0.09
400
ELJQF2N7 F
2.7
40
5500
0.10
400
ELJQF3N3 F
3.3
39
5500
0.12
400
ELJQF3N9 F
3.9
39
5200
0.15
360
ELJQF4N7 F
4.7
39
4800
0.17
360
ELJQF5N6 F
5.6
39
4600
0.19
340
ELJQF6N8 F
6.8
J : ±5 %
39
4000
0.30
320
ELJQF8N2 F
8.2
39
3500
0.35
320
ELJQF10N F10
G : ±2 %
39
2800
0.41
320
ELJQF12N F1238
2800
0.45
320
ELJQF15N F1536
2500
0.60
240
ELJQF18N F1836
2200
0.70
240
ELJQF22N F2236
2000
0.80
200
ELJQF27N F2736
1800
1.20
200
ELJQF33N F3335
1800
1.40
170
ELJQF39N F3935
1800
1.70
150
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
Standard Parts (E12 series)
: Symbol of Tolerance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Standard Packing Quantity
10000 pcs./Reel
Part No.
Inductance
Q
SRF
1
(MHz) min.
RDC
2
( ) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
100 MHz
min.
800 MHz
typ.
ELJQF1N1 F
1.1
D : ±0.3 nH
Z : ±0.2 nH
100
10
41
6000
0.06
400
ELJQF1N3 F
1.3
40
6000
0.07
400
ELJQF1N6 F
1.6
40
6000
0.08
400
ELJQF2N0 F
2.0
40
6000
0.09
400
ELJQF2N4 F
2.4
40
5500
0.10
400
ELJQF3N0 F
3.0
39
5500
0.12
400
ELJQF3N6 F
3.6
39
5300
0.14
380
ELJQF4N3 F
4.3
39
5000
0.16
360
ELJQF5N1 F
5.1
39
4700
0.18
350
ELJQF6N2 F
6.2
39
4300
0.25
330
ELJQF7N5 F
7.5
J : ±5 %
39
3700
0.33
320
ELJQF9N1 F
9.1
39
3100
0.38
320
ELJQF11N F11
G : ±2 %
38
2800
0.43
320
ELJQF13N F1336
2600
0.53
280
ELJQF16N F1636
2300
0.65
240
ELJQF20N F2036
2100
0.75
220
ELJQF24N F2436
1900
1.00
200
ELJQF30N F3035
1800
1.30
190
ELJQF36N F3635
1800
1.60
160
: Symbol of Tolerance
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Standard Parts (E24 series)
Jul. 2008


Similar Part No. - ELJFQF1N2JF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJFA100F PANASONIC-ELJFA100F Datasheet
76Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFA100F PANASONIC-ELJFA100F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJFA100F PANASONIC-ELJFA100F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFA100F PANASONIC-ELJFA100F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
ELJFA100F PANASONIC-ELJFA100F Datasheet
96Kb / 4P
   Fixed Inductors (Chip Inductors)
More results

Similar Description - ELJFQF1N2JF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-PC150KF PANASONIC-ELJ-PC150KF Datasheet
138Kb / 5P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com