Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG18A Datasheet(PDF) 1 Page - BeRex Corporation

Part # BG18A
Description  50-4000 MHz Cascadeable InGaP HBT Gain Block
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG18A Datasheet(HTML) 1 Page - BeRex Corporation

  BG18A Datasheet HTML 1Page - BeRex Corporation BG18A Datasheet HTML 2Page - BeRex Corporation BG18A Datasheet HTML 3Page - BeRex Corporation BG18A Datasheet HTML 4Page - BeRex Corporation BG18A Datasheet HTML 5Page - BeRex Corporation BG18A Datasheet HTML 6Page - BeRex Corporation BG18A Datasheet HTML 7Page - BeRex Corporation BG18A Datasheet HTML 8Page - BeRex Corporation BG18A Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BeRex
BG18A
http: //www.berex.com
50-4000 MHz Cascadeable InGaP HBT Gain Block
Device Features
 36dBm Output IP3 at 7dBm/tone at 900MHz
 15.5dB Gain at 900MHz
 19.1dBm P1dB at 900 MHz
 Highly Reliable InGaP/GaAs HBT Technology
 Temperature Compensation Circuit patent
 Over Voltage Protection Circuit patent
 SOT-89 Surface Mount Package
 50 ohm Cascadeable
 Lead-free/Green/RoHS compliant
Application: commercial, space, military wireless system
Electrical Specifications (Ta = 25C, Vs = 5V)
Parameters
Test Conditions
Min
Typ
Max
Unit
Frequency Range
50
4000
MHz
Gain
70MHz
500MHz
900MHz
1900MHz
2450MHz
16.5
15.0
14.5
14.0
13.3
17.5
16.0
15.5
15.0
14.3
dB
S11
70MHz
500MHz
900MHz
1900MHz
2450MHz
-17.1
-11.3
-13.5
-13.1
-13.1
dB
S22
70MHz
500MHz
900MHz
1900MHz
2450MHz
-7.8
-21.6
-19.9
-15.6
-15.2
dB
OIP3
70MHz
500MHz
900MHz
1900MHz
2450MHz
34.0
35.5
34.0
30.5
28.5
36.0
37.5
36.0
32.5
30.5
dBm
P1dB
70MHz
500MHz
900MHz
1900MHz
2450MHz
17.0
17.5
18.0
17.5
16.5
18.0
18.7
19.1
18.9
17.8
dBm
Ic
Vc = 5.0V
60
70
80
mA
Vc
5.0
V
dG/dT
-0.004
dB/°C
Rth
Thermal Resistance
50
C/W
Test conditions unless otherwise noted.
1.
Device performance is measured on BeRex evaluation board at 25C, 50 ohm system.
2.
OIP3 measured with two tones at an output power of 7dBm/tone separated by 1MHz.


Similar Part No. - BG18A

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG18A BEREX-BG18A Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18A BEREX-BG18A Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18A BEREX-BG18A_14 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
BG18A BEREX-BG18A_18 Datasheet
1Mb / 10P
   5-4000 MHz Cascadable InGaP HBT Gain Block
More results

Similar Description - BG18A

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG18B BEREX-BG18B Datasheet
704Kb / 11P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
BG18D BEREX-BG18D Datasheet
469Kb / 8P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
BG18C BEREX-BG18C Datasheet
700Kb / 11P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
BCG13D BEREX-BCG13D Datasheet
283Kb / 6P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG13BM BEREX-BG13BM Datasheet
522Kb / 9P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG13B BEREX-BG13B Datasheet
495Kb / 11P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG14B BEREX-BG14B Datasheet
531Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG17A BEREX-BG17A Datasheet
526Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG17C BEREX-BG17C Datasheet
540Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
BG13D BEREX-BG13D Datasheet
678Kb / 10P
   5-4000 MHz Cascadeable InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com