Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3232EIDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MAX3232EIDR
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MAX3232EIDR Datasheet(HTML) 1 Page - Texas Instruments

  MAX3232EIDR Datasheet HTML 1Page - Texas Instruments MAX3232EIDR Datasheet HTML 2Page - Texas Instruments MAX3232EIDR Datasheet HTML 3Page - Texas Instruments MAX3232EIDR Datasheet HTML 4Page - Texas Instruments MAX3232EIDR Datasheet HTML 5Page - Texas Instruments MAX3232EIDR Datasheet HTML 6Page - Texas Instruments MAX3232EIDR Datasheet HTML 7Page - Texas Instruments MAX3232EIDR Datasheet HTML 8Page - Texas Instruments MAX3232EIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
APPLICATIONS
D, DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C1+
V+
C1−
C2+
C2−
V−
DOUT2
RIN2
VCC
GND
DOUT1
RIN1
ROUT1
DIN1
DIN2
ROUT2
DESCRIPTION/ORDERING INFORMATION
MAX3232E
3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV IEC ESD PROTECTION
SLLS664A – AUGUST 2005 – REVISED APRIL 2007
• Battery-Powered Systems
• ESD Protection for RS-232 Bus Pins
• PDAs
±15 kV (HBM)
• Notebooks
±8 kV (IEC61000-4-2, Contact Discharge)
• Laptops
±15 kV (IEC61000-4-2, Air-Gap Discharge)
• Palmtop PCs
• Meets or Exceeds the Requirements of
• Hand-Held Equipment
TIA/EIA-232-F and ITU v.28 Standards
• Operates With 3-V to 5.5-V V
CC Supply
• Operates up to 250 kbit/s
• Two Drivers and Two Receivers
• Low Supply Current . . . 300 µA Typ
• External Capacitors . . . 4 × 0.1 µF
• Accepts 5-V Logic Input With 3.3-V Supply
• Pin Compatible to Alternative High-Speed
Device (1 Mbit/s)
SNx5C3232
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 40
MAX3232ECD
SOIC – D
MAX3232EC
Reel of 2500
MAX3232ECDR
Tube of 40
MAX3232ECDW
SOIC – DW
MAX3232EC
Reel of 2000
MAX3232ECDWR
–0
°C to 70°C
Tube of 80
MAX3232ECDB
SSOP – DB
MP232EC
Reel of 2000
MAX3232ECDBR
Tube of 90
MAX3232ECPW
TSSOP – PW
MP232EC
Reel of 2000
MAX3232ECPWR
Tube of 40
MAX3232EID
SOIC – D
MAX3232EI
Reel of 2500
MAX3232EIDR
Tube of 40
MAX3232EIDW
SOIC – DW
MAX3232EI
Reel of 2000
MAX3232EIDWR
–40
°C to 85°C
Tube of 80
MAX3232EIDB
SSOP – DB
MP232EI
Reel of 2000
MAX3232EIDBR
Tube of 90
MAX3232EIPW
TSSOP – PW
MP232EI
Reel of 2000
MAX3232EIPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MAX3232EIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX3232EIDR TI-MAX3232EIDR Datasheet
352Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232EIDR TI-MAX3232EIDR Datasheet
470Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232EIDR TI-MAX3232EIDR Datasheet
425Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232EIDRE4 TI-MAX3232EIDRE4 Datasheet
352Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232EIDRE4 TI-MAX3232EIDRE4 Datasheet
470Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Similar Description - MAX3232EIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3243E TI-TRS3243E Datasheet
630Kb / 27P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3232E TI-TRS3232E Datasheet
444Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_10 Datasheet
740Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_07 Datasheet
352Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_10 Datasheet
425Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3243E TI-MAX3243E_09 Datasheet
742Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3243E TI-MAX3243E Datasheet
652Kb / 24P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3232E-Q1 TI1-TRS3232E-Q1 Datasheet
204Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com