Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65ELT22DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65ELT22DR
Description  5-V Dual TTL-to-Differential PECL Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65ELT22DR Datasheet(HTML) 2 Page - Texas Instruments

  SN65ELT22DR Datasheet HTML 1Page - Texas Instruments SN65ELT22DR Datasheet HTML 2Page - Texas Instruments SN65ELT22DR Datasheet HTML 3Page - Texas Instruments SN65ELT22DR Datasheet HTML 4Page - Texas Instruments SN65ELT22DR Datasheet HTML 5Page - Texas Instruments SN65ELT22DR Datasheet HTML 6Page - Texas Instruments SN65ELT22DR Datasheet HTML 7Page - Texas Instruments SN65ELT22DR Datasheet HTML 8Page - Texas Instruments SN65ELT22DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
POWER DISSIPATION RATINGS
THERMAL CHARACTERISTICS
KEY ATTRIBUTES
SN65ELT22
SLLS924 – DECEMBER 2008............................................................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PARAMETER
CONDITIONS
VALUE
UNIT
Absolute PECL mode supply voltage, VCC
GND = 0 V
6
V
Input voltage, VIN
GND = 0 V
GND + 0.025 < VIN < VCC – 0.025
V
Continuous
50
Output current
mA
Surge
100
Operating temperature range
–40 to 85
°C
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
POWER RATING
THERMAL RESISTANCE,
DERATING FACTOR
POWER RATING
CIRCUIT BOARD
JUNCTION-TO-AMBIENT
PACKAGE
TA < 25°C
TA > 25°C
TA = 85°C
MODEL
NO AIRFLOW
(mW)
(mW/°C)
(mW)
Low-K
719
139
7
288
SOIC
High-K
840
119
8
336
Low-K
469
213
5
188
SOIC-TSSOP
High-K
527
189
5
211
PARAMETER
MIN
TYP
MAX
UNIT
SOIC
79
θ
JB
Junction-to-board thermal resistance
°C/W
SOIC-TSSOP
120
SOIC
98
θ
JC
Junction-to-case thermal resistance
°C/W
SOIC-TSSOP
74
CHARACTERISTICS
VALUE
Moisture sensitivity level
Level 1
Flammability rating (oxygen index: 28 to 34)
UL 94 V-0 at 0.125 in
Human body model
4 kV
Electrostatic discharge
Charge device model
2 kV
Machine model
200 V
Meets or exceeds JEDEC Spec EIA/JESD78 latchup test
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): SN65ELT22


Similar Part No. - SN65ELT22DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65ELT22DR TI-SN65ELT22DR Datasheet
430Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22DR TI-SN65ELT22DR Datasheet
397Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
More results

Similar Description - SN65ELT22DR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23_06 Datasheet
134Kb / 8P
   5 V Dual Differential PECL to TTL Translator
December, 2006 ??Rev. 14
MC100ELT23 ONSEMI-MC100ELT23_15 Datasheet
81Kb / 6P
   5 V Dual Differential PECL to TTL Translator
August, 2015 ??Rev. 17
logo
Texas Instruments
SN65ELT22 TI-SN65ELT22 Datasheet
430Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
SN65ELT22 TI-SN65ELT22_1 Datasheet
397Kb / 11P
[Old version datasheet]   5-V Dual TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
   5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20 Datasheet
417Kb / 11P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
SN65ELT23 TI-SN65ELT23 Datasheet
443Kb / 11P
[Old version datasheet]   5-V Dual Differential PECL Buffer-to-TTL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com