Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1791 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1791
Description  Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD1791 Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD1791 Datasheet HTML 1Page - Texas Instruments SN65HVD1791 Datasheet HTML 2Page - Texas Instruments SN65HVD1791 Datasheet HTML 3Page - Texas Instruments SN65HVD1791 Datasheet HTML 4Page - Texas Instruments SN65HVD1791 Datasheet HTML 5Page - Texas Instruments SN65HVD1791 Datasheet HTML 6Page - Texas Instruments SN65HVD1791 Datasheet HTML 7Page - Texas Instruments SN65HVD1791 Datasheet HTML 8Page - Texas Instruments SN65HVD1791 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
SN65HVD1785, SN65HVD1786
SN65HVD1787, SN65HVD1791
SN65HVD1792, SN65HVD1793
www.ti.com
SLLS872H – JANUARY 2008 – REVISED FEBRUARY 2010
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
VCC
Supply voltage
–0.5 to 7
V
'HVD1785, 86, 91, 92, 93
A, B pins
–70 to 70
V
Voltage range at bus pins
'HVD1787
A, B pins
–70 to 30
V
'HVD1793
Y, Z pins
–70 to 30
V
Input voltage range at any logic pin
–0.3 to VCC + 0.3
V
Transient overvoltage pulse through 100
Ω per TIA-485
–100 to 100
V
Receiver output current
–24 to 24
mA
TJ
Junction temperature
170
°C
See Dissipation
Continuous total power dissipation
Rating Table
IEC 60749-26 ESD (human-body model), bus terminals and GND
±16
kV
JEDEC Standard 22, Test Method A114 (human-body model), bus terminals and GND
±16
kV
JEDEC Standard 22, Test Method A114 (human-body model), all pins
±4
kV
JEDEC Standard 22, Test Method C101 (charged-device model), all pins
±2
kV
JEDEC Standard 22, Test Method A115 (machine model), all pins
±400
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE DISSIPATION RATINGS
JEDEC THERMAL
TA < 25°C
DERATING FACTOR
TA = 85°C
TA = 105°C
PACKAGE
MODEL
RATING
ABOVE TA = 25°C
RATING
RATING
High-K
905 mW
7.25 mW/°C
470 mW
325 mW
SOIC (D) 8-pin
Low-K
516 mW
4.1 mW/°C
268 mW
186 mW
High-K
1315 mW
10.5 mW/°C
684 mW
474 mW
SOIC (D) 14-pin
Low-K
744 mW
6 mW/°C
387 mW
268 mW
High-K
2119 mW
16.9 mW/°C
1100 mW
763 mW
PDIP (P) 8-pin
Low-K
976 mW
7.8 mW/°C
508 mW
352 mW
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VI
Input voltage at any bus terminal (separately or common mode)(1)
–20
25
V
VIH
High-level input voltage (driver, driver enable, and receiver enable inputs)
2
VCC
V
VIL
Low-level input voltage (driver, driver enable, and receiver enable inputs)
0
0.8
V
VID
Differential input voltage
–25
25
V
Output current, driver
–60
60
mA
IO
Output current, receiver
–8
8
mA
RL
Differential load resistance
54
60
CL
Differential load capacitance
50
pF
HVD1785, HVD1791
115
kbps
1/tUI
Signaling rate
HVD1786, HVD1792
1
Mbps
HVD1787, HVD1793
10
Operating free-air temperature (see
–40
105
TA
°C
application section for thermal information)
TJ
Junction temperature
–40
150
°C
(1)
By convention, the least positive (most negative) limit is designated as minimum in this data sheet.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65HVD1785, SN65HVD1786 SN65HVD1787, SN65HVD1791 SN65HVD1792, SN65HVD1793


Similar Part No. - SN65HVD1791

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1791 TI-SN65HVD1791 Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1791 TI-SN65HVD1791 Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1791 TI-SN65HVD1791 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1791D TI-SN65HVD1791D Datasheet
668Kb / 19P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
SN65HVD1791D TI-SN65HVD1791D Datasheet
676Kb / 21P
[Old version datasheet]   70-V Fault-Protected RS-485 Transceivers
More results

Similar Description - SN65HVD1791

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD23 TI-SN65HVD23_10 Datasheet
517Kb / 24P
[Old version datasheet]   Extended Common-Mode RS-485 Transceivers
SN65HVD21M-EP TI1-SN65HVD21M-EP Datasheet
617Kb / 21P
[Old version datasheet]   EXTENDED COMMON-MODE RS-485 TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com