Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AVC16T245_101 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74AVC16T245_101
Description  16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC16T245_101 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AVC16T245_101 Datasheet HTML 3Page - Texas Instruments SN74AVC16T245_101 Datasheet HTML 4Page - Texas Instruments SN74AVC16T245_101 Datasheet HTML 5Page - Texas Instruments SN74AVC16T245_101 Datasheet HTML 6Page - Texas Instruments SN74AVC16T245_101 Datasheet HTML 7Page - Texas Instruments SN74AVC16T245_101 Datasheet HTML 8Page - Texas Instruments SN74AVC16T245_101 Datasheet HTML 9Page - Texas Instruments SN74AVC16T245_101 Datasheet HTML 10Page - Texas Instruments SN74AVC16T245_101 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
SN74AVC16T245
16-BIT DUAL-SUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SCES551C – FEBRUARY 2004 – REVISED AUGUST 2005
over recommended operating free-air temperature range, V
CCA = 1.8 V ± 0.15 V (see Figure 11)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
3.4
0.5
5.9
0.5
4.8
0.5
3.7
0.5
3.3
A
B
ns
tPHL
3.4
0.5
5.9
0.5
4.8
0.5
3.7
0.5
3.3
tPLH
3
0.5
5.2
0.5
4.8
0.5
4.5
0.5
4.4
B
A
ns
tPHL
3
0.5
5.2
0.5
4.8
0.5
4.5
0.5
4.4
tPZH
3.4
1
7.8
1
7.8
1
7.8
1
7.8
OE
A
ns
tPZL
3.4
1
7.8
1
7.8
1
7.8
1
7.8
tPZH
5.4
1
9.2
0.5
7.4
0.5
5.3
0.5
4.5
OE
B
ns
tPZL
5.4
1
9.2
0.5
7.4
0.5
5.3
0.5
4.5
tPHZ
4.2
1.5
7.7
1.5
7.7
1.5
7.7
1.5
7.7
OE
A
ns
tPLZ
4.2
1.5
7.7
1.5
7.7
1.5
7.7
1.5
7.7
tPHZ
5.2
1.5
8.4
1.5
7.1
1
5.9
1
5.7
OE
B
ns
tPLZ
5.2
1.5
8.4
1.5
7.1
1
5.9
1
5.7
over recommended operating free-air temperature range, V
CCA = 2.5 V ± 0.2 V (see Figure 11)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
3.2
0.5
5.6
0.5
4.5
0.5
3.3
0.5
2.8
A
B
ns
tPHL
3.2
0.5
5.6
0.5
4.5
0.5
3.3
0.5
2.8
tPLH
2.6
0.5
4.1
0.5
3.7
0.5
3.3
0.5
3.2
B
A
ns
tPHL
2.6
0.5
4.1
0.5
3.7
0.5
3.3
0.5
3.2
tPZH
2.5
0.5
5.3
0.5
5.3
0.5
5.3
0.5
5.3
OE
A
ns
tPZL
2.5
0.5
5.3
0.5
5.3
0.5
5.3
0.5
5.3
tPZH
5.2
0.5
9.4
0.5
7.3
0.5
5.1
0.5
4.5
OE
B
ns
tPZL
5.2
0.5
9.4
0.5
7.3
0.5
5.1
0.5
4.5
tPHZ
3
1
6.1
1
6.1
1
6.1
1
6.1
OE
A
ns
tPLZ
3
1
6.1
1
6.1
1
6.1
1
6.1
tPHZ
5
1
7.9
1
6.6
1
6.1
1
5.2
OE
B
ns
tPLZ
5
1
7.9
1
6.6
1
6.1
1
5.2
7


Similar Part No. - SN74AVC16T245_101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
SN74AVC16T245 TI1-SN74AVC16T245_18 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver with Configurable Level-Shifting / Voltage Translation and Tri-State Outputs
More results

Similar Description - SN74AVC16T245_101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCA164245 TI-SN74AVCA164245 Datasheet
323Kb / 15P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245 Datasheet
375Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com