Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3Q3253DBQR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q3253DBQR
Description  DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q3253DBQR Datasheet(HTML) 5 Page - Texas Instruments

  SN74CB3Q3253DBQR Datasheet HTML 1Page - Texas Instruments SN74CB3Q3253DBQR Datasheet HTML 2Page - Texas Instruments SN74CB3Q3253DBQR Datasheet HTML 3Page - Texas Instruments SN74CB3Q3253DBQR Datasheet HTML 4Page - Texas Instruments SN74CB3Q3253DBQR Datasheet HTML 5Page - Texas Instruments SN74CB3Q3253DBQR Datasheet HTML 6Page - Texas Instruments SN74CB3Q3253DBQR Datasheet HTML 7Page - Texas Instruments SN74CB3Q3253DBQR Datasheet HTML 8Page - Texas Instruments SN74CB3Q3253DBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
Electrical Characteristics
(1)
Switching Characteristics
SN74CB3Q3253
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SCDS145A – OCTOBER 2003 – REVISED MARCH 2005
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
VIK
VCC = 3.6 V,
II = –18 mA
–1.8
V
IIN
Control inputs
VCC = 3.6 V,
VIN = 0 to 5.5 V
±1
µA
VO = 0 to 5.5 V,
Switch OFF,
IOZ(3)
VCC = 3.6 V,
±1
µA
VI = 0,
VIN = VCC or GND
Ioff
VCC = 0,
VO = 0 to 5.5 V,
VI = 0
1
µA
II/O = 0,
ICC
VCC = 3.6 V,
VIN = VCC or GND
0.6
2
mA
Switch ON or OFF,
∆I
CC
(4)
Control inputs
VCC = 3.6 V,
One input at 3 V,
Other inputs at VCC or GND
30
µA
VCC = 3.6 V,
A and B ports open,
OE input
0.15
0.16
mA/
ICCD(5)
Per control input
MHz
Control input switching at 50% duty cycle
S input
0.04
0.05
Cin
Control inputs
VCC = 3.3 V,
VIN = 5.5 V, 3.3 V, or 0
2.5
3.5
pF
Switch OFF,
A port
VCC = 3.3 V,
VI/O = 5.5 V, 3.3 V, or 0
8
11
pF
VIN = VCC or GND,
Cio(OFF)
Switch OFF,
B port
VCC = 3.3 V,
VI/O = 5.5 V, 3.3 V, or 0
3.5
4.5
pF
VIN = VCC or GND,
Switch ON,
Cio(ON)
VCC = 3.3 V,
VI/O = 5.5 V, 3.3 V, or 0
13
17
pF
VIN = VCC or GND,
VI = 0,
IO = 30 mA
4
10
VCC = 2.3 V,
TYP at VCC = 2.5 V
VI = 1.7 V,
IO = –15 mA
4.5
11
ron(6)
VI = 0,
IO = 30 mA
3.5
8
VCC = 3 V
VI = 2.4 V,
IO = –15 mA
4
10
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
(4)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(5)
This parameter specifies the dynamic power-supply current associated with the operating frequency of a single control input (see
Figure 2).
(6)
Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is
determined by the lower of the voltages of the two (A or B) terminals.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 2.5 V
VCC = 3.3 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fOE or fS(1)
OE or S
A or B
10
20
MHz
tpd(2)
A or B
B or A
0.12
0.18
ns
tpd(s)
S
A
1.5
6.7
1.5
5.9
ns
S
B
1.5
6.7
1.5
5.9
ten
ns
OE
A or B
1.5
6.7
1.5
5.9
S
B
1
6.1
1
6.1
tdis
ns
OE
A or B
1
6.1
1
6.1
(1)
Maximum switching frequency for control input (VO > VCC, VI = 5 V, RL≥ 1 MΩ, CL = 0).
(2)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
5


Similar Part No. - SN74CB3Q3253DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3253DBQR TI-SN74CB3Q3253DBQR Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
SN74CB3Q3253DBQR TI-SN74CB3Q3253DBQR Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253DBQR TI1-SN74CB3Q3253DBQR Datasheet
1Mb / 25P
[Old version datasheet]   Dual 1-of-4 FET Multiplexer ??Demultiplexer
More results

Similar Description - SN74CB3Q3253DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253_10 Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
390Kb / 1P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI1-SN74CB3Q3251_15 Datasheet
777Kb / 19P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
329Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257 TI-SN74CB3Q3257_08 Datasheet
691Kb / 18P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257 TI-SN74CB3Q3257_10 Datasheet
509Kb / 17P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3306A-EP TI1-SN74CB3Q3306A-EP Datasheet
986Kb / 15P
[Old version datasheet]   Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
SN74CB3Q3306A TI-SN74CB3Q3306A Datasheet
176Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3305 TI-SN74CB3Q3305_09 Datasheet
457Kb / 13P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3306ADCUR TI-SN74CB3Q3306ADCUR Datasheet
771Kb / 15P
[Old version datasheet]   Dual FET Bus Switch 2.5-V/3.3-V Low-Voltage High-Bandwidth Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com