Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G04DCKTE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74AUP1G04DCKTE4
Description  LOW-POWER SINGLE INVERTER GATE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G04DCKTE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP1G04DCKTE4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G04DCKTE4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G04DCKTE4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G04DCKTE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G04DCKTE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G04DCKTE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G04DCKTE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G04DCKTE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G04DCKTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
3
2
4
5
1
N.C.
V
CC
Y
A
GND
DBV PACKAGE
(TOP VIEW)
GND
A
N.C.
N.C.
6
5
4
2
3
Y
V
CC
1
DRY PACKAGE
(TOP VIEW)
3
2
4
5
1
N.C.
V
CC
Y
A
GND
DCK PACKAGE
(TOP VIEW)
3
2
4
5
1
N.C.
V
CC
Y
A
GND
DRL PACKAGE
(TOP VIEW)
GND
Y
3
4
A
2
5
N.C.
6
1
N.C.
V
CC
DSF PACKAGE
(TOP VIEW)
YFP PACKAGE
(TOP VIEW)
A
V
CC
GND
4
2
1
3
Y
A1
B1
A2
B2
SN74AUP1G04
www.ti.com
SCES571H – JUNE 2004 – REVISED MARCH 2010
LOW-POWER SINGLE INVERTER GATE
Check for Samples: SN74AUP1G04
1
FEATURES
Available in the Texas Instruments NanoStar™
Wide Operating VCC Range of 0.8 V to 3.6 V
Package
Optimized for 3.3-V Operation
Low Static-Power Consumption
3.6-V I/O Tolerant to Support Mixed-Mode
(ICC = 0.9 mA Max)
Signal Operation
Low Dynamic-Power Consumption
tpd = 3.9 ns Max at 3.3 V
(Cpd = 4.1 pF Typ at 3.3 V)
Suitable for Point-to-Point Applications
Low Input Capacitance (Ci = 1.5 pF Typ)
Latch-Up Performance Exceeds 100 mA Per
Low Noise
− Overshoot and Undershoot
JESD 78, Class II
<10% of VCC
ESD Performance Tested Per JESD 22
Ioff Supports Partial-Power-Down Mode
2000-V Human-Body Model
Operation
(A114-B, Class II)
Input Hysteresis Allows Slow Input Transition
1000-V Charged-Device Model (C101)
and Better Switching Noise Immunity at the
Input (Vhys = 250 mV Typ at 3.3 V)
N.C. – No internal connection.
DNU – Do not use
See mechancial drawings for dimensions.
DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low power needs in battery-powered portable
applications. This family ensures a very low static and dynamic power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in an increased battery life. This product also maintains excellent signal integrity (see
Figure 1 and Figure 2).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AUP1G04DCKTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G04DCKT TI-SN74AUP1G04DCKT Datasheet
236Kb / 12P
[Old version datasheet]   LOW POWER SINGLE INVERTER GATE
SN74AUP1G04DCKT TI1-SN74AUP1G04DCKT Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Inverter Gate
SN74AUP1G04DCKTG4 TI1-SN74AUP1G04DCKTG4 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Inverter Gate
More results

Similar Description - SN74AUP1G04DCKTE4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AUP1G04 STMICROELECTRONICS-74AUP1G04 Datasheet
396Kb / 18P
   Low power single inverter gate
logo
Texas Instruments
SN74AUP1G04 TI1-SN74AUP1G04_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Inverter Gate
SN74AUP1G04 TI-SN74AUP1G04 Datasheet
236Kb / 12P
[Old version datasheet]   LOW POWER SINGLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04_1 Datasheet
810Kb / 18P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE INVERTER GATE
SN74AUP2G04 TI1-SN74AUP2G04 Datasheet
908Kb / 20P
[Old version datasheet]   LOW-POWER DUAL INVERTER GATE
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
[Old version datasheet]   SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
   SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com