Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC595DTE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74HC595DTE4
Description  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC595DTE4 Datasheet(HTML) 2 Page - Texas Instruments

  SN74HC595DTE4 Datasheet HTML 1Page - Texas Instruments SN74HC595DTE4 Datasheet HTML 2Page - Texas Instruments SN74HC595DTE4 Datasheet HTML 3Page - Texas Instruments SN74HC595DTE4 Datasheet HTML 4Page - Texas Instruments SN74HC595DTE4 Datasheet HTML 5Page - Texas Instruments SN74HC595DTE4 Datasheet HTML 6Page - Texas Instruments SN74HC595DTE4 Datasheet HTML 7Page - Texas Instruments SN74HC595DTE4 Datasheet HTML 8Page - Texas Instruments SN74HC595DTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SN54HC595
SN74HC595
SCLS041H – DECEMBER 1982 – REVISED NOVEMBER 2009
www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE (2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP
− N
Tube of 25
SN74HC595N
SN74HC595N
Tube of 40
SN74HC595D
SOIC
− D
Reel of 2500
SN74HC595DR
HC595
Reel of 250
SN74HC595DT
Tube of 40
SN74HC595DW
–40°C to 85°C
SOIC
− DW
HC595
Reel of 2000
SN74HC595DWR
SOP
− NS
Reel of 2000
SN74HC595NSR
HC595
SSOP
− DB
Reel of 2000
SN74HC595DBR
HC595
Tube of 90
SN74HC595PW
TSSOP – PW
HC595
Reel of 2000
SN74HC595PWR
CDIP
− J
Tube of 25
SNJ54HC595J
SNJ54HC595J
–55°C to 125°C
CFP
− W
Tube of 150
SNJ54HC595W
SNJ54HC595W
LCCC
− FK
Tube of 55
SNJ54HC595FK
SNJ54HC595FK
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
Table 1. FUNCTION TABLE
INPUTS
FUNCTION
SER
SRCLK
SRCLR
RCLK
OE
X
X
X
X
H
Outputs QA−QH are disabled.
X
X
X
X
L
Outputs QA−QH are enabled.
X
X
L
X
X
Shift register is cleared.
First stage of the shift register goes low.
L
H
X
X
Other stages store the data of previous stage, respectively.
First stage of the shift register goes high.
H
H
X
X
Other stages store the data of previous stage, respectively.
X
X
X
X
Shift-register data is stored in the storage register.
2
Submit Documentation Feedback
Copyright © 1982–2009, Texas Instruments Incorporated
Product Folder Link(s): SN54HC595 SN74HC595


Similar Part No. - SN74HC595DTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC595DTE4 TI-SN74HC595DTE4 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595DTE4 TI1-SN74HC595DTE4 Datasheet
1Mb / 36P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
More results

Similar Description - SN74HC595DTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT595 TI-SN54AHCT595 Datasheet
415Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54LV595A TI-SN54LV595A Datasheet
492Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC595 TI-SN54HC595_09 Datasheet
847Kb / 25P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595B TI1-SN74HC595B Datasheet
238Kb / 21P
[Old version datasheet]   8-Bit Shift Registers With 3-State Output Registers
SN54HC595 TI-SN54HC595 Datasheet
139Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_07 Datasheet
588Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595_08 Datasheet
729Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN74HC595-EP TI-SN74HC595-EP Datasheet
150Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
CD74HC595 TI-CD74HC595 Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
SN54AHC595 TI-SN54AHC595 Datasheet
163Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com