Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70015DDCR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70015DDCR
Description  200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV70015DDCR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV70015DDCR Datasheet HTML 5Page - Texas Instruments TLV70015DDCR Datasheet HTML 6Page - Texas Instruments TLV70015DDCR Datasheet HTML 7Page - Texas Instruments TLV70015DDCR Datasheet HTML 8Page - Texas Instruments TLV70015DDCR Datasheet HTML 9Page - Texas Instruments TLV70015DDCR Datasheet HTML 10Page - Texas Instruments TLV70015DDCR Datasheet HTML 11Page - Texas Instruments TLV70015DDCR Datasheet HTML 12Page - Texas Instruments TLV70015DDCR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
10
1
0.1
0.01
0
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
I
=10mA
C
=C
=1 F
OUT
m
IN
OUT
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
InputVoltage(V)
80
70
60
50
40
30
20
10
0
10kHz
100kHz
1kHz
10
s/div
m
V
OUT
V
IN =2.1V
I
OUT
200mA
0mA
t =t =1
s
R
F
m
10
s/div
m
V
OUT
V
IN =2.3V
I
OUT
10mA
0mA
t =t =1
s
R
F
m
1ms/div
V
OUT
SlewRate=1V/ s
m
V
IN
2.9V
2.3V
I
200mA
OUT =
10
s/div
m
V
OUT
V
IN =2.3V
I
OUT
50mA
0mA
t =t =1
s
R
F
m
TLV700xx
TLV701xx
www.ti.com
SLVSA00A – SEPTEMBER 2009 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5 V or 2.0 V, whichever is greater;
IOUT = 10 mA, VEN = VIN, COUT = 1.0 mF, unless otherwise noted. Typical values are at TJ = +25°C.
TLV70018
TLV70018
OUTPUT SPECTRAL NOISE DENSITY vs OUTPUT
POWER-SUPPLY RIPPLE REJECTION vs INPUT VOLTAGE
VOLTAGE
Figure 15.
Figure 16.
TLV70018
TLV70018
LOAD TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 17.
Figure 18.
TLV70018
TLV70018
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
Figure 19.
Figure 20.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TLV70015DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70015DDCR TI-TLV70015DDCR Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70015DDCR TI-TLV70015DDCR Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70015DDCR TI-TLV70015DDCR Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70015DDCR TI-TLV70015DDCR Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70015DDCR TI1-TLV70015DDCR Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70015DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70028-Q1 TI1-TLV70028-Q1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70012A-Q1 TI1-TLV70012A-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com