Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5N118DBQRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TS5N118DBQRG4
Description  1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5N118DBQRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS5N118DBQRG4 Datasheet HTML 4Page - Texas Instruments TS5N118DBQRG4 Datasheet HTML 5Page - Texas Instruments TS5N118DBQRG4 Datasheet HTML 6Page - Texas Instruments TS5N118DBQRG4 Datasheet HTML 7Page - Texas Instruments TS5N118DBQRG4 Datasheet HTML 8Page - Texas Instruments TS5N118DBQRG4 Datasheet HTML 9Page - Texas Instruments TS5N118DBQRG4 Datasheet HTML 10Page - Texas Instruments TS5N118DBQRG4 Datasheet HTML 11Page - Texas Instruments TS5N118DBQRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VCC
GND
B1
B2−B8
A
50 W
50 W
Channel ON: B1 to A
Network Analyzer Setup
Source Power = 0 dBM
(632-mV P-P at 50-W load)
DC Bias = 350 mV
Network Analyzer
Source
Signal
B1
B2−B8
A
Channel OFF: B2−B8 to A
Network Analyzer Setup
Source Power = 0 dBM
(632-mV P-P at 50-W load)
DC Bias = 350 mV
50 W
VCC
GND
50 W
50 W
Network Analyzer
Source
Signal
B1
B2−B8
50 W
50 W
A
Channel ON: B1 to A
Network Analyzer Setup
Source Power = 0 dBM
(632-mV P-P at 50-W load)
DC Bias = 350 mV
50 W
VCC
GND
Source
Signal
Channel OFF: B2−B8 to A
Network Analyzer
TS5N118
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
HIGH-BANDWIDTH BUS SWITCH
SCDS205 – AUGUST 2005
Figure 6. Bandwidth (BW)
Figure 7. OFF Isolation (OISO)
Figure 8. Crosstalk (XTALK)
8


Similar Part No. - TS5N118DBQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5N118DBQRG4 TI-TS5N118DBQRG4 Datasheet
294Kb / 16P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N118DBQRG4 TI-TS5N118DBQRG4 Datasheet
453Kb / 17P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
More results

Similar Description - TS5N118DBQRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5N118 TI-TS5N118_1 Datasheet
453Kb / 17P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N118 TI-TS5N118 Datasheet
294Kb / 16P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N214 TI-TS5N214 Datasheet
256Kb / 15P
[Old version datasheet]   2-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N412 TI-TS5N412 Datasheet
239Kb / 15P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N214 TI-TS5N214_10 Datasheet
453Kb / 18P
[Old version datasheet]   2-BIT 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
TS5N412 TI-TS5N412_10 Datasheet
453Kb / 18P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
329Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
390Kb / 1P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI1-SN74CB3Q3251_15 Datasheet
777Kb / 19P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CBT3251 TI-SN74CBT3251 Datasheet
365Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com