Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS770006IRGER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS770006IRGER
Description  Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS770006IRGER Datasheet(HTML) 1 Page - Texas Instruments

  THS770006IRGER Datasheet HTML 1Page - Texas Instruments THS770006IRGER Datasheet HTML 2Page - Texas Instruments THS770006IRGER Datasheet HTML 3Page - Texas Instruments THS770006IRGER Datasheet HTML 4Page - Texas Instruments THS770006IRGER Datasheet HTML 5Page - Texas Instruments THS770006IRGER Datasheet HTML 6Page - Texas Instruments THS770006IRGER Datasheet HTML 7Page - Texas Instruments THS770006IRGER Datasheet HTML 8Page - Texas Instruments THS770006IRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
50W
50W
100W
V
OCM
100W
V
IN-
V
IN+
30MHz
Bandpass
Filter
THS770006
R
O
V
OCM
R
O
ADS5493
A
IN-
A
IN+
0
61
Frequency(MHz)
10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
-
-
-
-
-
-
-
-
-
-
-
-
25
30
35
5
15
20
55
40
45
50
10
THS770006
www.ti.com
SBOS520 – JULY 2010
Broadband, Fully-Differential, 14-/16-Bit
ADC DRIVER AMPLIFIER
Check for Samples: THS770006
1
FEATURES
DESCRIPTION
23
2.4GHz Bandwidth
The THS770006 is a fixed-gain of +6dB, wideband,
fully-differential amplifier designed and optimized
3100V/µs Slew Rate, VOUT =2V step
specifically
for
driving
16-bit
analog-to-digital
Fixed Voltage Gain: +6dB
converters
(ADCs)
at
input
frequencies
up
to
IMD3: –107dBc, VOUT = 2VPP, RL = 400Ω,
130MHz, and 14-bit ADCs at input frequencies up to
f = 100MHz
200MHz.
This
device
provides
high
bandwidth,
high-voltage output with low distortion and low noise,
OIP3: 48dBm, f = 100MHz
critical in high-speed data acquisition systems that
Noise Figure: 11dB, f = 100MHz
require very high dynamic range, such as wireless
base
stations
and
test
and
measurement
APPLICATIONS
applications. This device also makes an excellent
14/16-bit ADC Driver
differential amplifier for general-purpose, high-speed
differential
signal
chain
and
short
line
driver
ADC Driver for Wireless Base Station Signal
applications.
Chains: GSM, WCDMA, MC-GSM
ADC Driver for High Dynamic Range Test and
The THS7700 operates on a nominal +5V single
Measurement Equipment
supply, offers very fast, 7.5ns maximum recovery
time
from
overdrive
conditions,
and
has
a
THS770006 Driving ADS5493
power-down mode for power saving. The THS770006
is offered in a Pb-free (RoHS compliant) and green,
QFN-24
thermally-enhanced
package.
It
is
characterized
for
operation
over
the
industrial
temperature range of –40°C to +85°C.
RELATED DEVICES
DEVICE
DESCRIPTION
Wideband, low-noise, low-distortion,
THS4509
fully-differential amplifier
Wideband, low-noise, low-distortion,
FFT Plot with Two-Tone Input at 96MHz and
PGA870
fully-differential, digitally-programmable
100MHz (see Application Information section).
gain amplifier
ADS5481 to
16-bit, 80MSPS to 200MSPS ADCs
ADS5485
ADS5493
16-bit, 130MSPS ADC
ADS6145
14-bit, 125MSPS ADC
ADS6149
14-bit, 250MSPS ADC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS770006IRGER

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS770006IRGER NSC-THS770006IRGER Datasheet
1Mb / 39P
   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
More results

Similar Description - THS770006IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS770012 TI-THS770012_15 Datasheet
1Mb / 35P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
THS770006 TI1-THS770006_14 Datasheet
1Mb / 40P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
THS770012 TI1-THS770012_14 Datasheet
1Mb / 36P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
THS770012 TI1-THS770012 Datasheet
1Mb / 35P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
logo
National Semiconductor ...
THS770006 NSC-THS770006 Datasheet
1Mb / 39P
   Broadband, Fully-Differential, 14-/16-Bit ADC DRIVER AMPLIFIER
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Analog Devices
LTC6409 AD-LTC6409 Datasheet
432Kb / 24P
   Differential Amplifier/ADC Driver
AD8476 AD-AD8476_16 Datasheet
572Kb / 25P
   Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
logo
Linear Technology
LTC6430 LINER-LTC6430 Datasheet
718Kb / 12P
   15dB Differential Amplifier and 14-Bit, 310Msps Dual ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com