Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA209AIDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA209AIDR
Description  OPERATIONAL AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA209AIDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA209AIDR Datasheet HTML 5Page - Texas Instruments OPA209AIDR Datasheet HTML 6Page - Texas Instruments OPA209AIDR Datasheet HTML 7Page - Texas Instruments OPA209AIDR Datasheet HTML 8Page - Texas Instruments OPA209AIDR Datasheet HTML 9Page - Texas Instruments OPA209AIDR Datasheet HTML 10Page - Texas Instruments OPA209AIDR Datasheet HTML 11Page - Texas Instruments OPA209AIDR Datasheet HTML 12Page - Texas Instruments OPA209AIDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
-50
-25
150
0
25
50
75
100
125
Temperature( C)
°
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
4
0
8
12
16
20
24
28
32
36
V (V)
S
2.5
2.0
1.5
1.0
0.5
0
-50
-25
150
0
25
50
75
100
125
Temperature( C)
°
100
80
60
40
20
0
-20
-40
-60
-80
-100
Sourcing
V
S = ±18V
Sinking
V
S = ±18V
Sourcing
V
S = ±2.25V
Sinking
V
S = ±2.25V
20
70
60
50
40
30
OutputCurrent(mA)
20
15
10
05
0
-05
-10
-15
-20
+150 C
°
-
°
50 C
-
°
40 C
0 C
°
+125 C
°
+85 C
°
+85 C
°
VS = ±18V
0 C
°
-
°
50 C
-
°
40 C
Time(0.1ms/div)
+18V
R
L
C
L
-18V
OPA209
G=+1
R =604W
L
C
L =100pF
Time(0.2 s/div)
m
G= 1
-
C =100pF
L
+18V
R
I
604W
R
F
604W
-18V
C
L
OPA209
OPA209
OPA2209
OPA4209
www.ti.com
SBOS426B – NOVEMBER 2008 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±18V, RL = 10kΩ connected to midsupply, and VCM = VOUT = midsupply, unless otherwise noted.
QUIESCENT CURRENT vs TEMPERATURE
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Figure 19.
Figure 20.
SHORT-CIRCUIT CURRENT vs TEMPERATURE
OUTPUT VOLTAGE vs OUTPUT CURRENT
Figure 21.
Figure 22.
SMALL-SIGNAL STEP RESPONSE
SMALL-SIGNAL STEP RESPONSE
Figure 23.
Figure 24.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA209 OPA2209 OPA4209


Similar Part No. - OPA209AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA209 TI-OPA209 Datasheet
3Mb / 51P
[Old version datasheet]   OPAx189 Precision, Lowest-Noise, 36-V, Zero-Drift, 14-MHz, MUX-Friendly, Rail-to-Rail Output Operational Amplifiers
OPA209 TI-OPA209_15 Datasheet
1Mb / 29P
[Old version datasheet]   2.2nV/?숰z, Low-Power, 36V, Operational Amplifier
More results

Similar Description - OPA209AIDR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com