Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A4901DGNR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A4901DGNR
Description  36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A4901DGNR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS7A4901DGNR Datasheet HTML 7Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 8Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 9Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 10Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 11Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 12Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 13Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 14Page - Texas Instruments TPS7A4901DGNR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TPS7A4901
OUT
FB
GND
C
10 F
IN
m
C
10nF
NR/SS
R
1
R
2
C
10nF
BYP
C
10 F
OUT
m
IN
EN
NR/SS
V
IN
V
OUT
V
OUT
V
REF
- 1
R =R
1
2
V
OUT
R +R
1
2
³ 5 A
m
,where
TPS7A49xx
www.ti.com
SBVS121A – AUGUST 2010 – REVISED SEPTEMBER 2010
THEORY OF OPERATION
GENERAL DESCRIPTION
CAPACITOR RECOMMENDATIONS
The
TPS7A49xx
belongs
to
a
family
of
new
generation linear regulators that use an innovative
Low ESR capacitors should be used for the input,
bipolar process to achieve ultralow-noise and very
output, noise reduction, and bypass capacitors.
high PSRR levels at a wide input voltage range.
Ceramic capacitors with X7R and X5R dielectrics are
These features, combined with a high thermal
preferred.
These
dielectrics
offer
more
stable
performance MSOP-8 with PowerPAD package make
characteristics.
Ceramic
X7R
capacitors
offer
this
device
ideal
for
high-performance
analog
improved
over-temperature
performance,
while
applications.
ceramic X5R capacitors are the most cost-effective
and are available in higher values.
ADJUSTABLE OPERATION
Note that high ESR capacitors may degrade PSRR.
The TPS7A4901 has an output voltage range of
To ensure stability, maximum ESR must be less than
+1.194 to +33V. The nominal output voltage of the
200m
Ω.
device is set by two external resistors, as shown in
Figure 28.
INPUT AND OUTPUT CAPACITOR
REQUIREMENTS
The TPS7A49xx family of positive, high-voltage linear
regulators achieve stability with a minimum input and
output capacitance of 2.2mF; however, it is highly
recommended to use a 10mF capacitor to maximize
ac performance.
NOISE REDUCTION AND BYPASS
CAPACITOR REQUIREMENTS
Figure 28. Adjustable Operation for Maximum AC
Although noise reduction and bypass capacitors
Performance
(CNR/SS and CBYP, respectively) are not needed to
achieve stability, it is highly recommended to use
R1 and R2 can be calculated for any output voltage
0.01mF capacitors to minimize noise and maximize ac
range using the formula shown in Equation 1. To
performance.
ensure
stability
under
no
load
conditions,
this
resistive network must provide a current equal to or
MAXIMUM AC PERFORMANCE
greater than 5mA.
In order to maximize noise and PSRR performance, it
is recommended to include 10mF or higher input and
(1)
output capacitors, and 0.01mF noise reduction and
bypass capacitors, as shown in Figure 28. The
If greater voltage accuracy is required, take into
solution shown delivers minimum noise levels of
account
the
output
voltage
offset
contributions
15.4mVRMS and power-supply rejection levels above
because of the feedback pin current and use 0.1%
52dB from 10Hz to 400kHz; see Figure 18 and
tolerance resistors.
Figure 19.
ENABLE PIN OPERATION
The TPS7A49xx provides an enable feature (EN) that
turns on the regulator when VEN > 2.1V.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS7A4901DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4901DGNR TI1-TPS7A4901DGNR Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A4901DGNR TI-TPS7A4901DGNR Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
More results

Similar Description - TPS7A4901DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A4901 TI1-TPS7A4901 Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
logo
Linear Technology
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
Texas Instruments
TPS7A49 TI-TPS7A49_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
logo
AiT Semiconductor Inc.
A6154 AITSEMI-A6154 Datasheet
683Kb / 14P
   CMOS LOW DROPOUT REGULATOR (LDO) 36V, 150mA, ULTRALOW POWER CONSUMPTION
REV1.0
logo
Analog Devices
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
   Ultralow Noise, 200 mA Linear Regulator
REV. 0
logo
Texas Instruments
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow-Noise, 250-mA Linear Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com