Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2492PWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2492PWR
Description  Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2492PWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS2492PWR Datasheet HTML 4Page - Texas Instruments TPS2492PWR Datasheet HTML 5Page - Texas Instruments TPS2492PWR Datasheet HTML 6Page - Texas Instruments TPS2492PWR Datasheet HTML 7Page - Texas Instruments TPS2492PWR Datasheet HTML 8Page - Texas Instruments TPS2492PWR Datasheet HTML 9Page - Texas Instruments TPS2492PWR Datasheet HTML 10Page - Texas Instruments TPS2492PWR Datasheet HTML 11Page - Texas Instruments TPS2492PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
LIM
PROG
LIM
P
V
10
I
=
´
J(MAX )
S(MAX )
LIM
JC(MAX )
T
T
P
R
Q
-
<
TPS2492
TPS2493
SLUSA65A – JULY 2010 – REVISED AUGUST 2010
www.ti.com
VREF: Provides a 4.0-V reference voltage for use in conjunction with R4/R5 of the Typical Application Circuit to
set the voltage on the PROG pin. The reference voltage is available once the internal POR and UVLO thresholds
have been met. It is not designed as a supply voltage for other circuitry, therefore ensure that no more than 1 mA
is drawn. Bypass capacitance is not required, but if a special application requires one, less than 1000 pF can be
placed on this pin. This limit maintains VREG regulator stability.
PROG: The voltage applied to this pin (0.4 V minimum) programs the power limit used by the constant power
engine. Normally, a resistor divider R4/R5 is connected from VREF to PROG to set the power limit according to
the following equation:
(2)
where PLIM is the desired power limit of M1 and ILIM is the current limit set point (see SENSE). PLIM is determined
by the desired thermal stress on M1:
(3)
where TJ(MAX) is the maximum desired transient junction temperature of M1 and TS(MAX) is the maximum case
temperature prior to a start or restart. VPROG is used in conjunction with VDS to compute the (scaled) current,
ID_ALLOWED, by the constant power engine. ID_ALLOWED is compared by the gate amplifier to the actual ID, and used
to generate a gate drive. If ID < ID_ALLOWED, the amplifier turns the gate of M1 full on because there is no overload
condition; otherwise GATE is regulated to maintain the ID = ID_ALLOWED relationship.
A capacitor may be tied from PROG to ground to alter the natural constant power inrush current shape. If
properly designed, the effect is to cause the leading step of current in Figure 13 to look like a ramp. It is not
recommended that this mechanism be used to achieve a long and low ramp inrush current because the power
limiting accuracy is lower at VPROG < 0.4 V. PROG is internally pulled to ground whenever UVEN, POR, or UVLO
are not satisfied or the TPS2492 is latched off. This feature serves to discharge any capacitance connected to
the pin. Do not apply voltages greater than 4 V to PROG. If the constant power limit is not used, PROG should
be tied to VREF through a 47-k
Ω resistor.
TIMER: An integrating capacitor, CT, connected to the TIMER pin sets the fault-time for both versions and the
restart interval for the TPS2493. The timer charges at 27 µA whenever the TPS2492/3 is in power limit or current
limit and discharges at 2.7 µA otherwise. The charge-to-discharge current ratio is constant with temperature even
though there is a positive temperature coefficient to both. If VTIMER reaches 4 V, the TPS2492/3 pulls GATE to
ground (with the strong pull down), and discharges CT. The TPS2492 latches off when the fault timer expires.
The TPS2493 holds GATE at ground when the timer expires before it attempts to restart (re-enable GATE) after
a timing sequence consisting of discharging TIMER down to 1 V followed by 15 more charge and discharge
cycles. Design for the TPS2393 TIMER period must assume a 3-V rise in VTIMER rather than a 4-V rise to
accommodate a restart.
The TPS2492 can be reset by either cycling the UVEN pin or the UVLO (e.g. power cycling). TIMER discharges
when UVEN is low or the internal UVLO or POR are active. The TIMER pin should be tied to ground if this
feature is not used.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS2492 TPS2493


Similar Part No. - TPS2492PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI1-TPS2490 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
TPS2490DGS TI-TPS2490DGS Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
More results

Similar Description - TPS2492PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_08 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5069 TI-LM5069 Datasheet
1Mb / 28P
[Old version datasheet]   LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com