Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2493PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2493PW
Description  Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2493PW Datasheet(HTML) 3 Page - Texas Instruments

  TPS2493PW Datasheet HTML 1Page - Texas Instruments TPS2493PW Datasheet HTML 2Page - Texas Instruments TPS2493PW Datasheet HTML 3Page - Texas Instruments TPS2493PW Datasheet HTML 4Page - Texas Instruments TPS2493PW Datasheet HTML 5Page - Texas Instruments TPS2493PW Datasheet HTML 6Page - Texas Instruments TPS2493PW Datasheet HTML 7Page - Texas Instruments TPS2493PW Datasheet HTML 8Page - Texas Instruments TPS2493PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
TPS2492
TPS2493
www.ti.com
SLUSA65A – JULY 2010 – REVISED AUGUST 2010
ELECTRICAL CHARACTERISTICS
9 V
≤ VVCC ≤ 80 V, -40°C ≤ TJ ≤ 125°C, VTIMER = 0 V and all outputs unloaded. Typical specification are at TJ = 25°C, VVCC =
48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current (VCC)
IVCC
Enabled
VUVEN = Hi, VSENSE = VOUT = VVCC
665
1000
µA
IVCC
Disabled
VUVEN = Lo, VSENSE = VVCC, VOUT = 0
120
250
Input Supply UVLO (VCC)
VVCC turn on
Rising
8.4
8.8
V
Hysteresis
50
100
150
mV
Current Sense Input (SENSE)
ISENSE
Input bias current
VSENSE = VOUT = VVCC
7.5
20
µA
Reference Voltage Output (VREF)
VREF
Reference voltage
0
≤ IVREF ≤ 1 mA
3.9
4
4.1
V
Power Limiting Input (PROG)
Input bias current; device
IPROG
0.4
≤ VPROG ≤ 4 V VUVEN = 48 V
5
µA
enabled; sourcing or sinking
Pull down resistance; device
RPROG
IPROG = 200 µA; VUVEN = 0 V
375
600
Ω
disabled
Power Limiting and Current Limiting (SENSE)
Current limit threshold
VPROG = 2.4 V; VOUT = 0 V; VVCC = 48 V
17
25
33
V(VCC-SENSE) with power limiting
VPROG = 0.9 V; VOUT = 30 V; VVCC = 48 V
17
25
33
trip
mV
Current limit threshold
V(VCC-SENSE) without power
VPROG = 4 V; VSENSE = VOUT
45
50
55
limiting trip
VPROG = 4 V; VOUT = VSENSE; V(VCC-SENSE): 0
Large overload response time to
tF_TRIP
rising to 200 mV; C(GATE-OUT) = 2 nF;
1.2
µs
GATE low
V(GATE-OUT) = 1 V
TIMER Operation (TIMER)
VTIMER = 0 V
17
27
36
ISOURCE
TIMER source current
VTIMER = 0 V; TJ = 25°C
22
27
32
µA
VTIMER = 5 V
1.5
2.7
3.7
ISINK
TIMER sink current
VTIMER = 5 V; TJ = 25°C
2.1
2.7
3.1
TIMER upper threshold
3.9
4 0
4.1
VTIMER
V
TIMER lower reset threshold
TPS2492 only
0.96
1.00
1.04
DRETRY
Fault retry duty cycle
TPS2493 only
0.5
0.75
1
%
Fault Indicator Output (FLT)
IFLT = 2 mA
0.1
0.25
Low voltage (sinking)
V
IFLT = 4 mA
0.25
0.5
ILEAKAGE
Leakage current
FLT high impedance
10
µA
Under-Voltage and Enable Input (UVEN)
VUVEN_H
UVEN rising
1.31
1.35
1.39
V
Threshold voltage
Hysteresis
80
100
120
mV
Leakage current
VUVEN = 48 V
1
µA
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2492 TPS2493


Similar Part No. - TPS2493PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI1-TPS2490 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
TPS2490DGS TI-TPS2490DGS Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
More results

Similar Description - TPS2493PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_08 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
logo
National Semiconductor ...
LM5069 NSC-LM5069 Datasheet
1Mb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
LM5069 NSC-LM5069_08 Datasheet
1,006Kb / 22P
   Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5069 TI-LM5069 Datasheet
1Mb / 28P
[Old version datasheet]   LM5069 Positive High Voltage Hot Swap / Inrush Current Controller with Power Limiting
TPS2490 TI1-TPS2490_17 Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
logo
Analog Devices
LT4239 AD-LT4239 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com