Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650231YFFT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650231YFFT
Description  POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS650231YFFT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS650231YFFT Datasheet HTML 3Page - Texas Instruments TPS650231YFFT Datasheet HTML 4Page - Texas Instruments TPS650231YFFT Datasheet HTML 5Page - Texas Instruments TPS650231YFFT Datasheet HTML 6Page - Texas Instruments TPS650231YFFT Datasheet HTML 7Page - Texas Instruments TPS650231YFFT Datasheet HTML 8Page - Texas Instruments TPS650231YFFT Datasheet HTML 9Page - Texas Instruments TPS650231YFFT Datasheet HTML 10Page - Texas Instruments TPS650231YFFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
TPS650231
www.ti.com
SLVSAE3 – AUGUST 2010
ELECTRICAL CHARACTERISTICS
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, TA = –40°C to 85°C, typical values are
at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDCDC1 STEP-DOWN CONVERTER
VI
Input voltage range, VINDCDC1
2.5
6
V
IO
Maximum output current
1700
mA
rDS(on)
P-channel MOSFET on-resistance
VINDCDC1 (VINDCDC13) = V(GS) = 3.6 V
125
261
m
Ilkg
P-channel leakage current
VINDCDC1 (VINDCDC13) = 6 V
2
mA
rDS(on)
N-channel MOSFET on-resistance
VINDCDC1 (VINDCDC13) = V(GS) = 3.6 V
130
260
m
Ilkg
N-channel leakage current
V(DS) = 6 V
7
10
mA
Forward current limit (P-channel and
2.5 V < V(VINDCDC1) < 6 V
1.94
2.19
2.44
A
N-channel)
fS
Oscillator frequency
1.95
2.25
2.55
MHz
Fixed output voltage
VINDCDC1 (VINDCDC13) = 2.5 V to 6 V;
–2%
2%
FPWMDCDC1=0
0 mA
≤ IO ≤ 1.7 A
All VDCDC1
Fixed output voltage
VINDCDC1 (VINDCDC13) = 2.5 V to 6 V;
–1%
1%
FPWMDCDC1=1
0 mA
≤ IO ≤ 1.7 A
Adjustable output voltage with resistor
VINDCDC1 (VINDCDC13) = VDCDC1 + 0.5 V
–2%
2%
divider at DEFDCDC1; FPWMDCDC1=0
(min 2.5 V) to 6 V; 0 mA
≤ IO ≤ 1.7 A
Adjustable output voltage with resistor
VINDCDC1 (VINDCDC13) = VDCDC1 + 0.5 V
–1%
1%
divider at DEFDCDC1; FPWMDCDC1=1
(min 2.5 V) to 6 V; 0 mA
≤ IO ≤ 1.7 A
VINDCDC1 (VINDCDC13) = VDCDC1 + 0.3 V
Line Regulation
0
%/V
(min. 2.5 V) to 6 V; IO = 10 mA
Load Regulation
IO = 10 mA to 1700 mA
0.25
%/A
tStart
Start-up time
Time from active EN to start switching
145
175
200
ms
tRamp
VOUT ramp-up time
Time to ramp from 5% to 95% of VOUT
400
750
1000
ms
Internal resistance from L1 to GND
1
M
VDCDC1 discharge resistance
DCDC1 discharge = 1
300
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) : TPS650231


Similar Part No. - TPS650231YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
214Kb / 9P
[Old version datasheet]   High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
TPS65023 TI1-TPS65023 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results

Similar Description - TPS650231YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250 TI-TPS650250 Datasheet
1Mb / 35P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com