Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7715AID Datasheet(PDF) 2 Page - Texas Instruments

Part # TL7715AID
Description  SUPPLY-VOLTAGE SUPERVISORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7715AID Datasheet(HTML) 2 Page - Texas Instruments

  TL7715AID Datasheet HTML 1Page - Texas Instruments TL7715AID Datasheet HTML 2Page - Texas Instruments TL7715AID Datasheet HTML 3Page - Texas Instruments TL7715AID Datasheet HTML 4Page - Texas Instruments TL7715AID Datasheet HTML 5Page - Texas Instruments TL7715AID Datasheet HTML 6Page - Texas Instruments TL7715AID Datasheet HTML 7Page - Texas Instruments TL7715AID Datasheet HTML 8Page - Texas Instruments TL7715AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TL7702A, TL7705A, TL7709A, TL7712A, TL7715A
SUPPLY-VOLTAGE SUPERVISORS
SLVS028I − APRIL 1983 − REVISED JULY 2009
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
The TL77xxA family of integrated-circuit supply-voltage supervisors is designed specifically for use as reset
controllers in microcomputer and microprocessor systems. The supply-voltage supervisor monitors the supply
for undervoltage conditions at the SENSE input. During power up, the RESET output becomes active (low)
when VCC attains a value approaching 3.6 V. At this point (assuming that SENSE is above VIT+), the delay timer
function activates a time delay, after which outputs RESET and RESET go inactive (high and low, respectively).
When an undervoltage condition occurs during normal operation, RESET and RESET go active. To ensure that
a complete reset occurs, the reset outputs remain active for a time delay after the voltage at the SENSE input
exceeds the positive-going threshold value. The time delay is determined by the value of the external capacitor
CT: td = 1.3 × 104 × CT, where CT is in farads (F) and td is in seconds (s).
During power down and when SENSE is below VIT−, the outputs remain active until VCC falls below 2 V. After
this, the outputs are undefined.
An external capacitor (typically 0.1
µF) must be connected to REF to reduce the influence of fast transients in
the supply voltage.
functional block diagram
The functional block diagram is shown for illustrative purposes only; the actual circuit includes a trimming
network to adjust the reference voltage and sense-comparator trip point.
RESIN
≈100 µA
R1
(see Note A)
6
5
1
Reference
Voltage
SENSE
GND
8
3
7
2
4
VCC
CT
REF
NOTES: A. TL7702A: R1 = 0
Ω, R2 = open
TL7705A: R1 = 7.8 k
Ω, R2 = 10 kΩ
TL7709A: R1 = 19.7 k
Ω, R2 = 10 kΩ
TL7712A: R1 = 32.7 k
Ω, R2 = 10 kΩ
TL7715A: R1 = 43.4 k
Ω, R2 = 10 kΩ
B. Resistor values shown are nominal.
RESET
RESET
R2
(see Note A)


Similar Part No. - TL7715AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7715AID TI-TL7715AID Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7715AID TI-TL7715AID Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7715AID TI-TL7715AID Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results

Similar Description - TL7715AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_03 Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700A STMICROELECTRONICS-TL7700A Datasheet
50Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
logo
Texas Instruments
TL7759 TI-TL7759 Datasheet
87Kb / 6P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700 STMICROELECTRONICS-TL7700 Datasheet
67Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com