Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL31483E Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL31483E
Description  Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL31483E Datasheet(HTML) 1 Page - Intersil Corporation

  ISL31483E Datasheet HTML 1Page - Intersil Corporation ISL31483E Datasheet HTML 2Page - Intersil Corporation ISL31483E Datasheet HTML 3Page - Intersil Corporation ISL31483E Datasheet HTML 4Page - Intersil Corporation ISL31483E Datasheet HTML 5Page - Intersil Corporation ISL31483E Datasheet HTML 6Page - Intersil Corporation ISL31483E Datasheet HTML 7Page - Intersil Corporation ISL31483E Datasheet HTML 8Page - Intersil Corporation ISL31483E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
Fault Protected, Extended CMR, RS-485/RS-422
Transceivers with Cable Invert
ISL31480E, ISL31483E, ISL31485E, ISL31486E
The ISL3148xE are fault protected, 5V powered
differential transceivers that exceed the RS-485 and
RS-422 standards for balanced communication. The
RS-485 transceiver pins (driver outputs and receiver
inputs) are protected against faults up to ±60V.
Additionally, the extended common mode range allows
these transceivers to operate in environments with
common mode voltages up to ±25V (>2X the RS-485
requirement), making this RS-485 family one of the
most robust on the market.
Transmitters deliver an exceptional 2.5V (typical)
differential output voltage into the RS-485 specified 54Ω
load. This yields better noise immunity than standard
RS-485 ICs, or allows up to six 120Ω terminations in star
network topologies.
Receiver (Rx) inputs feature a “Full Fail-Safe” design,
which ensures a logic high Rx output if Rx inputs are
floating, shorted, or on a terminated but undriven (idle)
bus.
The ISL31483E, ISL31485E and ISL31486E include cable
invert functions that reverse the polarity of the Rx and/or
Tx bus pins in case the cable is misconnected. Unlike
competing devices, Rx full fail-safe operation is
maintained even when the Rx input polarity is switched.
The ISL31480E and ISL31486E feature a logic supply
(VL) pin that sets the VOH of the Rx outputs, and the
switching points of the logic input pins, to be compatible
with a lower supply voltage (down to 1.8V) in mixed
voltage systems. See Table 1 on page 2 for key features
and configurations by device number.
Features
• Fault Protected RS-485 Bus Pins. . . . . . up to ±60V
• Extended Common Mode Range . . . . . . . . . . ±25V
More Than Twice the Range Required for RS-485
• Cable Invert Pins (Except ISL31480)
Corrects for Reversed Cable Connections While
Maintaining Rx Full Fail-safe Functionality
• Logic Supply (VL) Pin (ISL31480E, ISL31486E)
Simplifies Interface to Lower Voltage Logic Devices
• Full Fail-safe (Open, Short, Terminated) RS-485
Receivers
• 1/4 Unit Load (UL) for up to 128 Devices on the Bus
•High Rx IOL for Opto-Couplers in Isolated Designs
• Hot Plug Circuitry - Tx and Rx Outputs Remain
Three-State During Power-up/Power-down
• Slew Rate Limited RS-485 Data Rate . . . . . . 1Mbps
• Low Quiescent Supply Current . . . . . . . . . . . 2.3mA
Ultra Low Shutdown Supply Current . . . . . . . . 10µA
Applications*(see page 19)
• Utility Meters/Automated Meter Reading Systems
• High Node Count Systems
• PROFIBUS® and Field Bus Networks, and Factory
Automation
• Security Camera Networks
• Building Lighting and Environmental Control Systems
• Industrial/Process Control Networks
Exceptional Rx Operates at
1Mbps Even With ±25V
Common Mode Voltage
Transceivers Deliver Superior
Common Mode Range vs.
Standard RS-485 Devices
-5
0
5
10
15
20
25
30
TIME (400ns/DIV)
B
VID = ±1V
A
RO
ISL3148XE
CLOSEST
COMPETITOR
STANDARD RS-485
TRANSCEIVER
-25
-20
-12
-7
0
12
25
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
June 25, 2010
FN7638.0


Similar Part No. - ISL31483E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL31483E INTERSIL-ISL31483E Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL31483EIBZ INTERSIL-ISL31483EIBZ Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483EIBZ RENESAS-ISL31483EIBZ Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
More results

Similar Description - ISL31483E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Renesas Technology Corp
ISL31483E RENESAS-ISL31483E Datasheet
1Mb / 18P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32483E RENESAS-ISL32483E Datasheet
983Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert and 짹16.5kV ESD
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com