Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL31490E Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL31490E
Description  짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL31490E Datasheet(HTML) 4 Page - Intersil Corporation

  ISL31490E Datasheet HTML 1Page - Intersil Corporation ISL31490E Datasheet HTML 2Page - Intersil Corporation ISL31490E Datasheet HTML 3Page - Intersil Corporation ISL31490E Datasheet HTML 4Page - Intersil Corporation ISL31490E Datasheet HTML 5Page - Intersil Corporation ISL31490E Datasheet HTML 6Page - Intersil Corporation ISL31490E Datasheet HTML 7Page - Intersil Corporation ISL31490E Datasheet HTML 8Page - Intersil Corporation ISL31490E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ISL31490E, ISL31491E, ISL31492E, ISL31493E, ISL31495E, ISL31496E,
4
FN7637.0
June 17, 2010
Pin Descriptions
PIN
NAME
8 LD
PIN #
(EXCEPT
ISL31491E)
8 LD
PIN #
(ISL31491E
ONLY)
10 LD
PIN #
14 LD
PIN #
FUNCTION
RO
1
2
1
2
Receiver output: If A-B ≥ -10mV, RO is high; If A-B ≤ -200mV, RO is low;
RO = High if A and B are unconnected (floating), shorted together, or
connected to an undriven, terminated bus.
RE
2
-
2
3
Receiver output enable. RO is enabled when RE is low; RO is high
impedance when RE is high. Internally pulled low.
DE
3
-
3
4
Driver output enable. The driver outputs, Y and Z, are enabled by bringing
DE high. They are high impedance when DE is low. Internally pulled high.
DI
4
3
4
5
Driver input. A low on DI forces output Y low and output Z high. Similarly,
a high on DI forces output Y high and output Z low.
GND
5
4
5
6, 7
Ground connection. This is also the potential of the TDFN EPAD.
A/Y
6
-
-
-
±60V Fault Protected RS-485/RS-422 level, non-inverting receiver input
and non inverting driver output. Pin is an input if DE = 0; pin is an output
if DE = 1.
B/Z
7
-
-
-
±60V Fault Protected RS-485/RS-422 level, inverting receiver input and
inverting driver output. Pin is an input if DE = 0; pin is an output if DE = 1.
A
-
8
9
12
±60V Fault Protected RS-485/RS-422 level, non-inverting receiver input.
B
-
7
8
11
±60V Fault Protected RS-485/RS-422 level, inverting receiver input.
Y
-
5
6
9
±60V Fault Protected RS-485/RS-422 level, non-inverting driver output.
Z
-
6
7
10
±60V Fault Protected RS-485/RS-422 level, inverting driver output.
VCC
8
1
10
13, 14 System power supply input (4.5V to 5.5V).
PD
-
-
TDFN
ONLY
-
TDFN exposed thermal pad (EPAD). Connect to GND.
NC
-
-
-
1, 8
No Internal Connection.


Similar Part No. - ISL31490E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL31490E RENESAS-ISL31490E Datasheet
1Mb / 26P
   Utility meters/automated meter reading systems
ISL31490EIBZ RENESAS-ISL31490EIBZ Datasheet
1Mb / 26P
   Utility meters/automated meter reading systems
ISL31490EIRTZ RENESAS-ISL31490EIRTZ Datasheet
1Mb / 26P
   Utility meters/automated meter reading systems
ISL31490EIUZ RENESAS-ISL31490EIUZ Datasheet
1Mb / 26P
   Utility meters/automated meter reading systems
More results

Similar Description - ISL31490E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32450E RENESAS-ISL32450E Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com