Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28433FBZ-T7A Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL28433FBZ-T7A
Description  Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28433FBZ-T7A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL28433FBZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL28433FBZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL28433FBZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL28433FBZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL28433FBZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL28433FBZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL28433FBZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL28433FBZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL28433FBZ-T7A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
FN7692.0
August 25, 2010
FIGURE 13. GAIN vs FREQUENCY vs RL, VS = ±0.8V
FIGURE 14. GAIN vs FREQUENCY vs RL, VS = ±2.5V
FIGURE 15. GAIN vs FREQUENCY vs FEEDBACK
RESISTOR VALUES Rf/Rg
FIGURE 16. GAIN vs FREQUENCY vs VOUT, RL = OPEN
FIGURE 17. FREQUENCY RESPONSE vs CLOSED LOOP
GAIN
FIGURE 18. GAIN vs FREQUENCY vs SUPPLY VOLTAGE
Typical Performance Curves V+ = 5V, V- = 0V, V
CM = 2.5V, RL = Open, T = +25°C, unless
otherwise specified. (Continued)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
RL = 10k
RL = 49.9k
RL = OPEN
RL = 1k
RL = 100k
VS = ±0.8V
AV = +1
VOUT = 10mVP-P
CL = 3.7pF
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
RL = 100k
RL = OPEN
RL = 1k
VS = ±2.5V
AV = +1
VOUT = 10mVP-P
CL = 3.7pF
RL = 49.9k
RL = 10k
1
2
3
4
5
6
7
8
9
10
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
0
VS = ±2.5V
RL = 100k
AV = +2
VOUT = 10mVP-P
CL = 3.7pF
Rf = Rg = 100k
Rf = Rg = 10k
Rf = Rg = 1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
VOUT = 100mV
VOUT = 1V
VOUT = 500mV
VOUT = 250mV
VOUT = 10mV
VS = ±2.5V
RL = OPEN
AV = 1
CL = 3.7pF
-10
0
10
20
30
40
50
60
70
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AV = 1
AV = 10
AV = 100
AV = 1000
V+ = 5V
VOUT = 10mVP-P
CL = 3.7pF
RL = 100k
Rg = 10k, Rf = 100k
Rg = 100, Rf = 100k
Rg = 1k, Rf = 100k
Rg = OPEN, Rf = 0
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
RL = 100k
AV = +1
VOUT = 10mVP-P
CL = 3.7pF
VS = ±0.8V
VS= ±1.5V
VS = ±0.7V
VS = ±2.75V
ISL28233, ISL28433


Similar Part No. - ISL28433FBZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28433FBZ INTERSIL-ISL28433FBZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28433FBZ INTERSIL-ISL28433FBZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28433FBZ INTERSIL-ISL28433FBZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
logo
Renesas Technology Corp
ISL28433FBZ RENESAS-ISL28433FBZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
More results

Similar Description - ISL28433FBZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
ISL28233_1012 INTERSIL-ISL28233_1012 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233 RENESAS-ISL28233 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_11 Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28133 INTERSIL-ISL28133_11 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Renesas Technology Corp
ISL28133 RENESAS-ISL28133 Datasheet
2Mb / 20P
   Single Micropower, Chopper Stabilized, RRIO Operational Amplifier
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
   Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
ISL28130 INTERSIL-ISL28130_11 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com