Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL31490EIRTZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL31490EIRTZ
Description  짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL31490EIRTZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL31490EIRTZ Datasheet HTML 2Page - Intersil Corporation ISL31490EIRTZ Datasheet HTML 3Page - Intersil Corporation ISL31490EIRTZ Datasheet HTML 4Page - Intersil Corporation ISL31490EIRTZ Datasheet HTML 5Page - Intersil Corporation ISL31490EIRTZ Datasheet HTML 6Page - Intersil Corporation ISL31490EIRTZ Datasheet HTML 7Page - Intersil Corporation ISL31490EIRTZ Datasheet HTML 8Page - Intersil Corporation ISL31490EIRTZ Datasheet HTML 9Page - Intersil Corporation ISL31490EIRTZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
ISL31490E, ISL31491E, ISL31492E, ISL31493E, ISL31495E, ISL31496E,
6
FN7637.0
June 17, 2010
Absolute Maximum Ratings
Thermal Information
VCC to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltages
DI, DE, RE . . . . . . . . . . . . . . . . . . -0.3V to (VCC + 0.3V)
Input/Output Voltages
A/Y, B/Z, A, B, Y, Z . . . . . . . . . . . . . . . . . . . . . . . . ±60V
A/Y, B/Z, A, B, Y, Z (Transient Pulse Through 100Ω,
(Note 19). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±80V
RO . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC +0.3V)
Short Circuit Duration
Y, Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
ESD Rating . . . . . . . . . . . . . . . see Electrical Specifications
Latch-up (Tested per JESD78, Level 2, Class A) . . . . +125°C
Recommended Operating Conditions
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
Bus Pin Common Mode Voltage Range . . . . . . -25V to +25V
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
8 Ld MSOP Package (Notes 5, 8) . .
140
40
8 Ld PDIP* Package (Note 6, 8) . . .
105
60
8 Ld SOIC Package (Note 5, 8) . . .
116
47
8 Ld TDFN Package (Note 7, 9) . . .
50
5
10 Ld MSOP Package (Note 5, 8) . .
135
50
10 Ld TDFN Package (Notes 7, 9). .
58
7
14 Ld SOIC Package (Note 5, 8). . .
88
38
Maximum Junction Temperature (Plastic Package) . . .+150°C
Maximum Storage Temperature Range . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . *-see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through-hole wave solder
processing only. They are not intended for use in Reflow
solder processing applications.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
5. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
6. θJA is measured with the component mounted on a low effective thermal conductivity test board in free air.
7. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379 for details.
8. For θJC, the “case temp” location is taken at the package top center.
9. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V,
TA = +25°C (Note 10). Boldface limits apply over the operating temperature range,
-40°C to +85°C.
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 18)
TYP
MAX
(Note 18) UNITS
DC CHARACTERISTICS
Driver Differential VOUT
(No load)
VOD1
Full
-
-
VCC
V
Driver Differential VOUT
(Loaded, Figure 1A)
VOD2
RL = 100Ω (RS-422)
Full
2.4
3.2
-
V
RL = 54Ω (RS-485)
Full
1.5
2.5
VCC
V
RL = 54Ω (PROFIBUS, VCC ≥ 5V)
Full
2.0
2.5
RL = 21Ω (Six 120Ω terminations for
Star Configurations, VCC ≥ 4.75V)
Full
0.8
1.3
-
V
Change in Magnitude of
Driver Differential VOUT
for Complementary
Output States
ΔVOD
RL = 54Ω or 100Ω (Figure 1A)
Full
-
-
0.2
V
Driver Differential VOUT
with Common Mode Load
(Figure 1B)
VOD3
RL = 60Ω, -7V ≤ VCM ≤ 12V
Full
1.5
2.1
VCC
V
RL = 60Ω, -25V ≤ VCM ≤ 25V
(VCC ≥ 4.75V)
Full
1.7
2.3
RL = 21Ω, -15V ≤ VCM ≤ 15V
(VCC ≥ 4.75V)
Full
0.8
1.1
-
V
Driver Common-Mode
VOUT (Figure 1)
VOC
RL = 54Ω or 100Ω
Full
-1
-
3
V
RL = 60Ω or 100Ω, -20V ≤ VCM ≤ 20V Full
-2.5
-
5
V


Similar Part No. - ISL31490EIRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL31490EIRTZ RENESAS-ISL31490EIRTZ Datasheet
1Mb / 26P
   Utility meters/automated meter reading systems
More results

Similar Description - ISL31490EIRTZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32450E RENESAS-ISL32450E Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com