Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54227IRTZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL54227IRTZ
Description  High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54227IRTZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL54227IRTZ Datasheet HTML 1Page - Intersil Corporation ISL54227IRTZ Datasheet HTML 2Page - Intersil Corporation ISL54227IRTZ Datasheet HTML 3Page - Intersil Corporation ISL54227IRTZ Datasheet HTML 4Page - Intersil Corporation ISL54227IRTZ Datasheet HTML 5Page - Intersil Corporation ISL54227IRTZ Datasheet HTML 6Page - Intersil Corporation ISL54227IRTZ Datasheet HTML 7Page - Intersil Corporation ISL54227IRTZ Datasheet HTML 8Page - Intersil Corporation ISL54227IRTZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ISL54227
4
FN7593.0
July 2, 2010
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 6.5V
VDD to COMx. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10.5V
COMx to Dx . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8.6V
Input Voltages
D+, D- . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
COM+, COM- . . . . . . . . . . . . . . . . . . . . . . . -5V to 6.5V
OE, LP . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 6.5V
Continuous Current (COM-/D-, COM+/D+) . . . . . . . ±40mA
Peak Current (COM-/D-, COM+/D+)
(Pulsed 1ms, 10% Duty Cycle, Max) . . . . . . . . . ±100mA
ESD Rating:
Human Body Model (Tested per JESD22-A114-F). . . . >2kV
Machine Model (Tested per JESD22-A115-A) . . . . . . >150V
Charged Device Model (Tested per JESD22-C101-D) . >2kV
Latch-up (Tested per JEDEC; Class II Level A) . . . . at +85°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
10 Ld µTQFN Package (Note 6, 9) .
210
165
10 Ld TDFN Package (Notes 7, 8). .
58
22
Maximum Junction Temperature (Plastic Package). . +150°C
Maximum Storage Temperature Range. . . . . -65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Normal Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
VDD Supply Voltage Range . . . . . . . . . . . . . . 2.7V to 5.25V
Logic Control Input Voltage . . . . . . . . . . . . . . . 0V to 5.25V
Analog Signal Range, VDD = 2.7V to 5.25V . . . . . 0V to 3.6V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact
product reliability and result in failures not covered by warranty.
NOTES:
6. θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief
TB379 for details.
7. θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach”
features. See Tech Brief TB379.
8. For θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
9. For θJC, the “case temp” location is taken at the package top center.
Electrical Specifications - 2.7V to 5.25V Supply
Test Conditions: VDD = +3.3V, GND = 0V, VLP = GND, VOEH =1.4V,
VOEL = 0.5V, (Note 10), Unless Otherwise Specified. Boldface limits apply over the operating temperature range,
-40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 11, 12) TYP
MAX
(Notes 11, 12) UNITS
ANALOG SWITCH CHARACTERISTICS
ON-Resistance, rON
(High-Speed)
VDD = 2.7V, OE = 1.4V, IDx = 17mA,
VCOM+ or VCOM- = 0V to 400mV
(see Figure 2, Note 15)
25
-
3.5
5
Ω
Full
-
-
7
Ω
rON Matching Between
Channels, ΔrON (High-Speed)
VDD = 2.7V, OE = 1.4V, IDx = 17mA,
VCOM+ or VCOM- = Voltage at max rON,
(Notes 14, 15)
25
-
0.2
0.45
Ω
Full
-
-
0.55
Ω
rON Flatness, RFLAT(ON)
(High-Speed)
VDD = 2.7V, OE = 1.4V, IDx = 17mA,
VCOM+ or VCOM- = 0V to 400mV,
(Notes 13, 15)
25
-
0.26
1
Ω
Full
-
-
1.2
Ω
ON-Resistance, rON
VDD = 3.3V, OE = 1.4V, ICOMx = 17mA,
VCOM+ or VCOM- = 3.3V
(see Figure 2, Note 15)
+25
-
6.8
17
Ω
Full
-
-
22
Ω
OFF Leakage Current,
IDx(OFF)
VDD = 5.25V, OE = 0V, VDx =0.3V, 3.3V,
VCOMX =3.3V, 0.3V
25
-20
1
20
nA
Full
-
30
-
nA
ON Leakage Current, IDx(ON) VDD = 5.25V, OE = 5.25V, VDx = 0.3V,
3.3V, VCOMX = 0.3V, 3.3V
25
-9
-
9
µA
Full
-12
-
12
µA
Power OFF Leakage Current,
ICOM+, ICOM-
VDD = 0V, VCOM+ = 5.25V,
VCOM- = 5.25V, OE = 0V
25
-
-
11
µA
Power OFF Logic Current, IOE VDD = 0V, OE = 5.25V
25
-
-
22
µA
Power OFF D+/D- Current,
ID+, ID-
VDD = 0V, OE = VDD, VD+ = VD- = 5.25V 25
-
-
1
µA


Similar Part No. - ISL54227IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54227IRTZ RENESAS-ISL54227IRTZ Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227IRTZ-T RENESAS-ISL54227IRTZ-T Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227IRTZEVAL1Z RENESAS-ISL54227IRTZEVAL1Z Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
More results

Similar Description - ISL54227IRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54227 RENESAS-ISL54227 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Intersil Corporation
ISL54228 INTERSIL-ISL54228 Datasheet
738Kb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
logo
Fairchild Semiconductor
FSUSB46 FAIRCHILD-FSUSB46 Datasheet
448Kb / 2P
   Hi-Speed USB2.0 (480Mbps) DPST Switch with Dedicated Charger Port Detection
logo
Renesas Technology Corp
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Intersil Corporation
ISL54225 INTERSIL-ISL54225_10 Datasheet
758Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
Intersil Corporation
ISL54224 INTERSIL-ISL54224 Datasheet
807Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com