Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ISL31492EIUZ Datasheet(HTML) 12 Page - Intersil Corporation

Part No. ISL31492EIUZ
Description  ±60V Fault Protected, 5V, RS-485/RS-422 Transceivers with ±25V Common Mode Range
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL31492EIUZ Datasheet(HTML) 12 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 27 page
background image
ISL31490E, ISL31491E, ISL31492E, ISL31493E, ISL31495E, ISL31496E,
12
FN7637.0
June 17, 2010
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. DRIVER PROPAGATION DELAY AND DIFFERENTIAL TRANSITION TIMES
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. DRIVER ENABLE AND DISABLE TIMES
FIGURE 4A. TEST CIRCUIT
FIGURE 4B. MEASUREMENT POINTS
FIGURE 4. DRIVER DATA RATE
Test Circuits and Waveforms (Continued)
D
DE
DI
VCC
SIGNAL
GENERATOR
RD
Z
Y
37Ω*
375Ω*
CD
VCM
*USED ONLY FOR COMMON
MODE LOAD TESTS
OUT (Z)
3V
0V
1.5V
1.5V
VOH
VOL
OUT (Y)
tPLH
tPHL
DIFF OUT (Y - Z)
tR
+VOD
-VOD
90%
90%
tF
10%
10%
DI
SKEW = |tPLH - tPHL|
D
DE
DI
Z
Y
VCC
GND
SW
PARAMETER OUTPUT
RE
DI
SW
CL
(pF)
tHZ
Y/Z
X
1/0
GND
50
tLZ
Y/Z
X
0/1
VCC
50
tZH
Y/Z
0 (Note 13)
1/0
GND
100
tZL
Y/Z
0 (Note 13)
0/1
VCC
100
tZH(SHDN)
Y/Z
1 (Note 16)
1/0
GND
100
tZL(SHDN)
Y/Z
1 (Note 16)
0/1
VCC
100
SIGNAL
GENERATOR
110Ω
CL
OUT (Y, Z)
3V
0V
1.5V
1.5V
VOH
0V
VOH - 0.5V
tHZ
OUT (Y, Z)
VCC
VOL
VOL + 0.5V
tLZ
DE
OUTPUT LOW
tZL, tZL(SHDN)
tZH, tZH(SHDN)
2.3V
2.3V
(Note 15)
(Note 15)
(Note 15)
OUTPUT HIGH
D
DE
DI
VCC
SIGNAL
GENERATOR
Z
Y
CD
VOD
+
-
54Ω
3V
0V
DIFF OUT (Y - Z)
+VOD
-VOD
DI
0V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn