Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ISL31492EIUZ Datasheet(HTML) 17 Page - Intersil Corporation

Part No. ISL31492EIUZ
Description  ±60V Fault Protected, 5V, RS-485/RS-422 Transceivers with ±25V Common Mode Range
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL31492EIUZ Datasheet(HTML) 17 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 27 page
background image
ISL31490E, ISL31491E, ISL31492E, ISL31493E, ISL31495E, ISL31496E,
17
FN7637.0
June 17, 2010
FIGURE 12. BUS PIN CURRENT vs BUS PIN VOLTAGE
FIGURE 13. DRIVER DIFFERENTIAL PROPAGATION
DELAY vs TEMPERATURE (ISL31490E,
ISL31491E, ISL31492E)
FIGURE 14. DRIVER DIFFERENTIAL SKEW vs
TEMPERATURE (ISL31490E, ISL31491E,
ISL31492E)
FIGURE 15. DRIVER DIFFERENTIAL PROPAGATION
DELAY vs TEMPERATURE (ISL31493E,
ISL31495E)
FIGURE 16. DRIVER DIFFERENTIAL SKEW vs
TEMPERATURE (ISL31493E, ISL31495E)
FIGURE 17. DRIVER DIFFERENTIAL PROPAGATION
DELAY vs TEMPERATURE (ISL31496E,
ISL31498E)
Typical Performance Curves V
CC = 5V, TA = +25°C; Unless Otherwise Specified. (Continued)
BUS PIN VOLTAGE (V)
-600
-400
-200
0
200
400
600
800
-70
-50
-30
-10 0 10
30
50
70
A/Y OR B/Z
Y OR Z
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
tPLH
tPHL
300
305
310
315
320
325
330
335
340
RD = 54Ω, CD = 50pF
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
|tPLH - tPHL|
0
1
2
3
4
5
6
7
8
RD = 54Ω, CD = 50pF
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
50
55
60
65
70
75
80
85
tPLH
tPHL
RD = 54Ω, CD = 50pF
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
2.0
2.5
3.0
3.5
4.0
|tPLH - tPHL|
RD = 54Ω, CD = 50pF
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
15
17
19
21
23
25
27
tPLH
tPHL
RD = 54Ω, CD = 50pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn