Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ISL31492EIUZ Datasheet(HTML) 18 Page - Intersil Corporation

Part No. ISL31492EIUZ
Description  ±60V Fault Protected, 5V, RS-485/RS-422 Transceivers with ±25V Common Mode Range
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL31492EIUZ Datasheet(HTML) 18 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 27 page
background image
ISL31490E, ISL31491E, ISL31492E, ISL31493E, ISL31495E, ISL31496E,
18
FN7637.0
June 17, 2010
FIGURE 18. DRIVER DIFFERENTIAL SKEW vs TEMPERATURE (ISL31496E, ISL31498E)
FIGURE 19. ±25V RECEIVER PERFORMANCE
(ISL31490E, ISL31491E, ISL31492E)
FIGURE 20. ±25V RECEIVER PERFORMANCE
(ISL31493E, ISL31495E)
FIGURE 21. ±25V RECEIVER PERFORMANCE
(ISL31496E, ISL31498E)
FIGURE 22. DRIVER AND RECEIVER WAVEFORMS
(ISL31490E, ISL31491E, ISL31492E)
Typical Performance Curves V
CC = 5V, TA = +25°C; Unless Otherwise Specified. (Continued)
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
|tPLH - tPHL|
RD = 54Ω, CD = 50pF
TIME (1μs/DIV)
-25
-20
-15
-10
-5
0
5
RO
A
B
0
5
10
15
20
25
RO
A
B
VID = ±1V
TIME (400ns/DIV)
-25
-20
-15
-10
-5
0
5
RO
A
B
0
5
10
15
20
25
RO
A
B
VID = ±1V
TIME (20ns/DIV)
-25
-20
-15
-10
-5
0
5
RO
A
B
0
5
10
15
20
25
RO
A
B
VID = ±1V
TIME (1μs/DIV)
RD = 54Ω, CD = 50pF
0
5
0
5
DI
RO
A/Y - B/Z
-3
-2
-1
0
1
2
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn