Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ISL31492EIUZ Datasheet(HTML) 19 Page - Intersil Corporation

Part No. ISL31492EIUZ
Description  ±60V Fault Protected, 5V, RS-485/RS-422 Transceivers with ±25V Common Mode Range
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL31492EIUZ Datasheet(HTML) 19 Page - Intersil Corporation

Back Button ISL31492EIUZ Datasheet HTML 19Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 27 page
background image
ISL31490E, ISL31491E, ISL31492E, ISL31493E, ISL31495E, ISL31496E,
19
FN7637.0
June 17, 2010
FIGURE 23. DRIVER AND RECEIVER WAVEFORMS
(ISL31493E, ISL31495E)
FIGURE 24. DRIVER AND RECEIVER WAVEFORMS
(ISL31496E, ISL31498E)
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP) AND TDFN EPAD:
GND
PROCESS:
Si Gate BiCMOS
Typical Performance Curves V
CC = 5V, TA = +25°C; Unless Otherwise Specified. (Continued)
TIME (400ns/DIV)
RD = 54Ω, CD = 50pF
0
5
0
5
DI
RO
A/Y - B/Z
-3
-2
-1
0
1
2
3
TIME (20ns/DIV)
RD = 54Ω, CD = 50pF
0
5
0
5
DI
RO
A/Y - B/Z
-3
-2
-1
0
1
2
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn