Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ISL31492EIUZ Datasheet(HTML) 2 Page - Intersil Corporation

Part No. ISL31492EIUZ
Description  ±60V Fault Protected, 5V, RS-485/RS-422 Transceivers with ±25V Common Mode Range
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL31492EIUZ Datasheet(HTML) 2 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 27 page
background image
ISL31490E, ISL31491E, ISL31492E, ISL31493E, ISL31495E, ISL31496E,
2
FN7637.0
June 17, 2010
TABLE 1. SUMMARY OF FEATURES
PART NUMBER
HALF/FULL
DUPLEX
DATA RATE
(Mbps)
SLEW-RATE
LIMITED?
EN
PINS?
HOT
PLUG?
QUIESCENT
ICC (mA)
LOW POWER
SHDN?
PIN
COUNT
ISL31490E
Full
0.25
Yes
Yes
Yes
2.3
Yes
10, 14
ISL31491E
Full
0.25
Yes
No
Yes
2.3
No
8
ISL31492E
Half
0.25
Yes
Yes
Yes
2.3
Yes
8
ISL31493E
Full
1
Yes
Yes
Yes
2.3
Yes
10, 14
ISL31495E
Half
1
Yes
Yes
Yes
2.3
Yes
8
ISL31496E
Full
15
No
Yes
Yes
2.3
Yes
10, 14
ISL31498E
Half
15
No
Yes
Yes
2.3
Yes
8
Ordering Information
PART NUMBER
(Notes 3, 4)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL31490EIBZ (Note 1)
ISL31490 EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL31490EIUZ (Note 1)
1490E
-40 to +85
10 Ld MSOP
M10.118
ISL31490EIRTZ (Note 1)
490E
-40 to +85
10 Ld TDFN
L10.3x3A
ISL31491EIBZ (Note 1)
31491 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL31492EIBZ (Note 1)
31492 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL31492EIUZ (Note 1)
1492E
-40 to +85
8 Ld MSOP
M8.118
ISL31492EIPZ (Note 2)
31492 EIPZ
-40 to +85
8 Ld PDIP
E8.3
ISL31492EIRTZ (Note 1)
492E
-40 to +85
8 Ld TDFN
L8.3x3A
ISL31493EIBZ (Note 1)
ISL31493 EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL31493EIUZ (Note 1)
1493E
-40 to +85
10 Ld MSOP
M10.118
ISL31495EIBZ (Note 1)
31495 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL31495EIUZ (Note 1)
1495E
-40 to +85
8 Ld MSOP
M8.118
ISL31496EIBZ (Note 1)
ISL31496 EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL31496EIUZ (Note 1)
1496E
-40 to +85
10 Ld MSOP
M10.118
ISL31498EIBZ (Note 1)
31498 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL31498EIUZ (Note 1)
1498E
-40 to +85
8 Ld MSOP
M8.118
NOTES:
1. Add “-T” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. Pb-free PDIPs can be used for through-hole wave solder processing only. They are not intended for use in Reflow solder
processing applications.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information pages for ISL31490E, ISL31491E, ISL31492E, ISL31493E,
ISL31495E, ISL31496E, ISL31498E. For more information on MSL please see techbrief TB363.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn