Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL31496EIUZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL31496EIUZ
Description  짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL31496EIUZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL31496EIUZ Datasheet HTML 4Page - Intersil Corporation ISL31496EIUZ Datasheet HTML 5Page - Intersil Corporation ISL31496EIUZ Datasheet HTML 6Page - Intersil Corporation ISL31496EIUZ Datasheet HTML 7Page - Intersil Corporation ISL31496EIUZ Datasheet HTML 8Page - Intersil Corporation ISL31496EIUZ Datasheet HTML 9Page - Intersil Corporation ISL31496EIUZ Datasheet HTML 10Page - Intersil Corporation ISL31496EIUZ Datasheet HTML 11Page - Intersil Corporation ISL31496EIUZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
ISL31490E, ISL31491E, ISL31492E, ISL31493E, ISL31495E, ISL31496E,
8
FN7637.0
June 17, 2010
SUPPLY CURRENT
No-Load Supply Current
(Note 11)
ICC
DE = VCC, RE = 0V or VCC, DI = 0V or
VCC
Full
-
2.3
4.5
mA
Shutdown Supply Current
ISHDN
DE = 0V, RE = VCC, DI = 0V or VCC
Full
-
10
50
μA
ESD PERFORMANCE
All Pins
Human Body Model
(Tested per JESD22-A114E)
+25
-
±2
-
kV
Machine Model
(Tested per JESD22-A115-A)
+25
-
±700
-
V
DRIVER SWITCHING CHARACTERISTICS (250kbps Versions; ISL31490E through ISL31492E)
Driver Differential Output
Delay
tPLH, tPHL RD = 54Ω,
CD = 50pF
(Figure 2)
No CM Load
Full
-
320
450
ns
-25V ≤ VCM ≤ 25V
Full
-
-
1000
ns
Driver Differential Output
Skew
tSKEW
RD = 54Ω,
CD = 50pF
(Figure 2)
No CM Load
Full
-
6
30
ns
-25V ≤ VCM ≤ 25V
Full
-
-
50
ns
Driver Differential Rise or
Fall Time
tR, tF
RD = 54Ω,
CD = 50pF
(Figure 2)
No CM Load
Full
400
650
1200
ns
-25V ≤ VCM ≤ 25V
Full
300
-
1200
ns
Maximum Data Rate
fMAX
CD = 820pF (Figure 4)
Full
0.25
1.5
-
Mbps
Driver Enable to Output
High
tZH
SW = GND (Figure 3), (Notes 13, 20)
Full
-
-
1200
ns
Driver Enable to Output
Low
tZL
SW = VCC (Figure 3), (Notes 13, 20)
Full
-
-
1200
ns
Driver Disable from
Output Low
tLZ
SW = VCC (Figure 3) (Note 20)
Full
-
-
120
ns
Driver Disable from
Output High
tHZ
SW = GND (Figure 3) (Note 20)
Full
-
-
120
ns
Time to Shutdown
tSHDN
(Note 15)
Full
60
160
600
ns
Driver Enable from
Shutdown to Output High
tZH(SHDN) SW = GND (Figure 3), (Notes 15, 16)
Full
-
-
2500
ns
Driver Enable from
Shutdown to Output Low
tZL(SHDN) SW = VCC (Figure 3), (Notes 15, 16)
Full
-
-
2500
ns
DRIVER SWITCHING CHARACTERISTICS (1Mbps Versions; ISL31493E, ISL31495E)
Driver Differential Output
Delay
tPLH, tPHL RD = 54Ω,
CD = 50pF
(Figure 2)
No CM Load
Full
-
70
125
ns
-25V ≤ VCM ≤ 25V
Full
-
-
350
ns
Driver Differential Output
Skew
tSKEW
RD = 54Ω,
CD = 50pF
(Figure 2)
No CM Load
Full
-
3
15
ns
-25V ≤ VCM ≤ 25V
Full
-
-
25
ns
Driver Differential Rise or
Fall Time
tR, tF
RD = 54Ω,
CD = 50pF
(Figure 2)
No CM Load
Full
70
230
300
ns
-25V ≤ VCM ≤ 25V
Full
70
-
400
ns
Maximum Data Rate
fMAX
CD = 820pF (Figure 4)
Full
1
4
-
Mbps
Electrical Specifications Test Conditions: VCC = 4.5V to 5.5V; Unless Otherwise Specified. Typicals are at VCC = 5V,
TA = +25°C (Note 10). Boldface limits apply over the operating temperature range,
-40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 18)
TYP
MAX
(Note 18) UNITS


Similar Part No. - ISL31496EIUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL31496EIUZ RENESAS-ISL31496EIUZ Datasheet
1Mb / 26P
   Utility meters/automated meter reading systems
More results

Similar Description - ISL31496EIUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32452EIBZ-T7A INTERSIL-ISL32452EIBZ-T7A Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32450E RENESAS-ISL32450E Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com