Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1012 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT42QT1012
Description  One-channel Toggle-mode Touch Sensor IC with Power Management Functions
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1012 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT42QT1012_10 Datasheet HTML 1Page - ATMEL Corporation AT42QT1012_10 Datasheet HTML 2Page - ATMEL Corporation AT42QT1012_10 Datasheet HTML 3Page - ATMEL Corporation AT42QT1012_10 Datasheet HTML 4Page - ATMEL Corporation AT42QT1012_10 Datasheet HTML 5Page - ATMEL Corporation AT42QT1012_10 Datasheet HTML 6Page - ATMEL Corporation AT42QT1012_10 Datasheet HTML 7Page - ATMEL Corporation AT42QT1012_10 Datasheet HTML 8Page - ATMEL Corporation AT42QT1012_10 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Features
Number of Keys:
– One, toggle mode (touch-on/touch-off), plus programmable auto-off delay and
external cancel
– Configurable as either a single key or a proximity sensor
Technology:
– Patented spread-spectrum charge-transfer (direct mode)
Key outline sizes:
– 6 mm x 6 mm or larger (panel thickness dependent); widely different sizes and
shapes possible
Electrode design:
– Solid or ring electrode shapes
PCB Layers required:
–One
Electrode materials:
– Etched copper, silver, carbon, Indium Tin Oxide (ITO)
Electrode substrates:
– PCB, FPCB, plastic films, glass
Panel materials:
– Plastic, glass, composites, painted surfaces (low particle density metallic paints
possible)
Panel thickness:
– Up to 12 mm glass, 6 mm plastic (electrode size and Cs dependent)
Key sensitivity:
– Settable via external capacitor (Cs)
Interface:
– Digital output, active high or active low (hardware configurable)
Moisture tolerance:
–Good
Power:
– 1.8V ~ 5.5V; 32 µA at 1.8V
Package:
– 6-pin SOT23-6 (3 x 3 mm) RoHS compliant
– 8-pin UDFN/USON (2 x 2 mm) RoHS compliant
Signal processing:
– Self-calibration, auto drift compensation, noise filtering
One-channel
Toggle-mode
Touch Sensor
IC with Power
Management
Functions
AT42QT1012
9543D–AT42–08/10


Similar Part No. - AT42QT1012_10

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1012 ATMEL-AT42QT1012 Datasheet
85Kb / 6P
   One-channel Toggle-mode Touch SensorIC with Power Management Functions
More results

Similar Description - AT42QT1012_10

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1012 ATMEL-AT42QT1012 Datasheet
85Kb / 6P
   One-channel Toggle-mode Touch SensorIC with Power Management Functions
logo
Quantum Research Group
QT102 QUANTUM-QT102 Datasheet
178Kb / 18P
   QTOUCH??TOGGLE-MODE CHARGE-TRANSFER IC WITH POWER MANAGEMENT FUNCTIONS
logo
ATMEL Corporation
AT42QT1011 ATMEL-AT42QT1011 Datasheet
252Kb / 18P
   One-channel Touch Sensor IC
AT42QT1010 ATMEL-AT42QT1010 Datasheet
264Kb / 20P
   One-channel Touch Sensor IC
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
   16-channel Capacitive Touch Sensor IC
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
logo
ATMEL Corporation
AT42QT2120 ATMEL-AT42QT2120 Datasheet
583Kb / 46P
   QTouch 12-channel Touch Sensor IC
AT42QT1060 ATMEL-AT42QT1060_14 Datasheet
456Kb / 36P
   Six-channel QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com