Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA08 Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # BTA08
Description  Discrete Triacs(Non-Isolated/Isolated)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

BTA08 Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  BTA08 Datasheet HTML 1Page - Sirectifier Global Corp. BTA08 Datasheet HTML 2Page - Sirectifier Global Corp. BTA08 Datasheet HTML 3Page - Sirectifier Global Corp. BTA08 Datasheet HTML 4Page - Sirectifier Global Corp. BTA08 Datasheet HTML 5Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BTB/BTA08
Discrete Triacs(Non-Isolated/Isolated)
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
TO-220AB
Tc = 110°C
8
A
ITSM
Non repetit
ive surge peak on-state
current (full cycle
, Tj initial = 25°C)
F = 60 Hz
t = 16.7 ms
84
A
F = 50 Hz
t = 20 ms
80
I²t
I²
t Value for fusing
tp = 10 ms
36
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x I GT , tr < 100 ns
F = 120 Hz
Tj = 125
°C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate p ower diss ipation
Tj = 125
°C
1
W
Tstg
Tj
Storage junction tempe
rature range
Operating junction temperature
range
- 4
0 to + 150
- 40 to + 125
°C
ELECTRICAL CHARACTERISTICS (Tj = 25°C, unless otherwise specified)
s
SNUBBERLESS™ and LOGIC LEVEL(3 Quadrants)
Symbol
Test Conditions
Quadrant
BTA/BTB
Unit
CW
BW
IGT (1)
VD = 12 V
RL = 30
I - II - III
MAX.
35
50
mA
VGT
I - II - III
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 k
Tj = 125°C
I - II - III
MIN.
0.2
V
IH (2)
IT = 100 mA
MAX.
35
50
mA
IL
IG = 1.2 IGT
I - III
MAX.
50
70
mA
II
60
80
dV/dt (2)
VD = 67 % VDRM gate open Tj = 125°C
MIN.
400
1000
V/µs
(dI/dt)c (2) Without snubber
Tj = 125°C
MIN.
7
A/ms
Dim.
A
B
C
D
E
F
G
H
J
K
M
N
Q
R
Milimeter
Min.
Max.
12.70
13.97
14.73
16.00
9.91
10.66
3.54
4.08
5.85
6.85
2.54
3.18
1.15
1.65
2.79
5.84
0.64
1.01
2.54
BSC
4.32
4.82
1.14
1.39
0.35
0.56
2.29
2.79
Inches
Min.
Max.
0.500
0.550
0.580
0.630
0.390
0.420
0.139
0.161
0.230
0.270
0.100
0.125
0.045
0.065
0.110
0.230
0.025
0.040
0.100
BSC
0.170
0.190
0.045
0.055
0.014
0.022
0.090
0.110
Dimensions TO-220AB
G
T2
T1
T2
T1
G
Symbol
4.5
_


Similar Part No. - BTA08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA08 STMICROELECTRONICS-BTA08 Datasheet
68Kb / 5P
   SENSITIVE GATE TRIACS
logo
Sirectifier Semiconduct...
BTA08 SIRECTIFIER-BTA08 Datasheet
337Kb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
logo
STMicroelectronics
BTA08 STMICROELECTRONICS-BTA08 Datasheet
151Kb / 12P
   Snubberless?? logic level and standard 8 A Triacs
logo
JIEJIE MICROELECTRONICS...
BTA08 JIEJIE-BTA08 Datasheet
589Kb / 5P
   8A TRIACs
logo
Inchange Semiconductor ...
BTA08 ISC-BTA08 Datasheet
115Kb / 1P
   Triacs
More results

Similar Description - BTA08

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
BTA35 SIRECT-BTA35 Datasheet
1Mb / 2P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB08 SIRECTIFIER-BTB08 Datasheet
337Kb / 5P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA26 SIRECT-BTA26 Datasheet
990Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTA06 SIRECT-BTA06 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTA10 SIRECT-BTA10 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB15 SIRECTIFIER-BTB15 Datasheet
267Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA15 SIRECT-BTA15 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTB41 SIRECTIFIER-BTB41 Datasheet
163Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTB06 SIRECTIFIER-BTB06 Datasheet
341Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTB26 SIRECTIFIER-BTB26 Datasheet
266Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
BTB35 SIRECTIFIER-BTB35 Datasheet
118Kb / 2P
   Discrete Triacs(Non-Isolated/Isolated)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com