Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWSR315PT Datasheet(PDF) 1 Page - Sirectifier Global Corp.

Part # FWSR315PT
Description  Power Schottky Rectifier - 45Amp 45Volt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

FWSR315PT Datasheet(HTML) 1 Page - Sirectifier Global Corp.

  FWSR315PT Datasheet HTML 1Page - Sirectifier Global Corp. FWSR315PT Datasheet HTML 2Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
FWSR315PT
E
L
E
C
T
R
O
N
I
C
Power Schottky Rectifier - 45Amp 45Volt
Features
-Plastic package has Underwriters Laboratory Flammability Classifications 94V-0
-High Junction Temperature Capability
-Low forward voltage, high current capability
-High surge capacity
TO-247AD
-Low power loss, high efficiency
C
F
I
H
K
K
G
E
N
M
A
B
O
L
J
D
Application
-Switching-Mode Power Supply
Absolute maximum ratings
Symbol
Ratings
Unit
Conditions
30 (R)
A
IF(AV)
At Tc=125ºC
15 (L)
A
VRRM
45
V
Maximum repetitive peak
reverse voltage
IFSM
150
A
8.3ms single half sine-wafe
single shot
A1
A2
K
VF(max)
0.6
V
At IF=10A, Tc=25ºC
Tj
-50 to +150
º
C
Tstg
-50 to +125
º
C
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
Electrical characteristics
Parameters
Symbol
Ratings
Conditions
Maximum Instantaneous
Forward Voltage
VF
0.6V
0.5V
Tc=25ºC
Tc=125ºC
Maximum Reverse Current At
Rated DC Blocking Voltage
IR
1.0mA
Tc=25ºC
Voltage Rate of Change
dv/dt
10,000 V/us
Rated VR
Typical Thermal Resistance,
Junction to Case
Rth (j-c) 1.25 ºC/W
Per diode
Note: Pulse Test : 380us pulse width, 2% duty cycle
August 2006
MIN
MAX
NOTE
.780
A
.819
19.80
20.80
B
.807
.846
20.50
21.50
C
.606
.638
15.40
16.20
.138
.150
3.50
3.80
D
.226
E
.242
5.75
6.15
F
.209
.224
5.30
5.70
G
.077
.085
1.95
2.15
H
.163
.175
4.15
4.45
.591
.622
15.00
15.80
I
.043
.051
1.10
1.30
J
.197
.213
5.00
5.40
K
.189
.205
4.80
5.20
L
.024
.031
0.60
0.80
M
.085
.096
2.15
2.45
N
.079
.091
2.00
2.30
O
http:// www.sirectsemi.com


Similar Part No. - FWSR315PT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
FWSR310PT SIRECT-FWSR310PT Datasheet
117Kb / 2P
   Power Schottky Rectifier - 30Amp 45Volt
More results

Similar Description - FWSR315PT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
FWSL315PT SIRECT-FWSL315PT Datasheet
117Kb / 2P
   Power Schottky Rectifier - 45Amp 45Volt
FWSR320PT SIRECT-FWSR320PT Datasheet
116Kb / 2P
   Power Schottky Rectifier - 60Amp 45Volt
MBR40B45CTH SIRECT-MBR40B45CTH Datasheet
133Kb / 3P
   Power Schottky Rectifier - 40Amp 45Volt
SBL20C45CTH SIRECT-SBL20C45CTH Datasheet
133Kb / 3P
   Power Schottky Rectifier - 20Amp 45Volt
SBL30L45CT SIRECT-SBL30L45CT Datasheet
148Kb / 4P
   Power Schottky Rectifier - 30Amp 45Volt
SBL30B45CTH SIRECT-SBL30B45CTH Datasheet
141Kb / 2P
   Power Schottky Rectifier - 30Amp 45Volt
SBL4045CTH SIRECT-SBL4045CTH Datasheet
140Kb / 2P
   Power Schottky Rectifier - 40Amp 45Volt
SBL6045CT SIRECT-SBL6045CT Datasheet
140Kb / 2P
   Power Schottky Rectifier - 60Amp 45Volt
FWSR310PT SIRECT-FWSR310PT Datasheet
117Kb / 2P
   Power Schottky Rectifier - 30Amp 45Volt
SBL3045CT SIRECT-SBL3045CT_10 Datasheet
147Kb / 4P
   Power Schottky Rectifier - 30Amp 45Volt
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com