Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE10CA-LF Datasheet(PDF) 5 Page - Sirectifier Global Corp.

Part # 1.5KE10CA-LF
Description  1500W TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

1.5KE10CA-LF Datasheet(HTML) 5 Page - Sirectifier Global Corp.

  1.5KE10CA-LF Datasheet HTML 1Page - Sirectifier Global Corp. 1.5KE10CA-LF Datasheet HTML 2Page - Sirectifier Global Corp. 1.5KE10CA-LF Datasheet HTML 3Page - Sirectifier Global Corp. 1.5KE10CA-LF Datasheet HTML 4Page - Sirectifier Global Corp. 1.5KE10CA-LF Datasheet HTML 5Page - Sirectifier Global Corp. 1.5KE10CA-LF Datasheet HTML 6Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
http:// www.sirectsemi.com
RATINGS AND CHARACTERISTIC CURVES 1.5KE6.8(C)-LF THRU 1.5KE540(C)A-LF
FIG. 7 - INCREMENTAL CLAMPING VOLTAGE CURVE
UNIDIRECTIONAL
100
20
10
2.0
1.0
0.2
0.1
0.5
1
2.0
10
20
50
IPP, PEAK PULSE CURRENT, AMPS
WAVEFORM:
10×1000 IMPULSE
△VC=VC-V(
BR)
1.5KE200-LF
1.5KE75-LF
1.5KE130-LF
1.5KE39-LF
1.5KE100-LF
15KE68-LF
1.5KE33-LF
1.5KE9.1-LF
1.5KE18-LF
1.5KE12-LF
FIG. 8 - INCREMENTAL CLAMPING VOLTAGE CURVE
UNIDIRECTIONAL
100
20
10
2.0
1.0
0.2
0.1
0.5
1
2.0
10
20
50
IPP, PEAK PULSE CURRENT, AMPS
WAVEFORM:
10×1000 IMPULSE
△VC=VC-V(
BR)
1.5KE200-LF
1.5KE130-LF
1.5KE39-LF
1.5KE33-LF
1.5KE6.8-LF
1.5KE9.1-LF
1.5KE75-LF
FIG. 10 - INCREMENTAL CLMPING VOLTAGE CURVE
BIDIRECTIONAL
100
20
10
2.0
1.0
0.2
0.1
0.5
1
2.0
10
20
50
IPP, PEAK PULSE CURRENT, AMPS
WAVEFORM:
10×1000 IMPULSE
△VC=VC-V(
BR)
1.5KE200C-LF
1.5KE75C-LF
1.5KE39C-LF
1.5KE7.5C-LF
1.5KE11C-LF
1.5KE15C-LF
1.5KE30C-LF
FIG. 9 - INCREMENTAL CLAMPING VOLTAGE CURVE
BIDIRECTIONAL
100
20
10
2.0
0.2
0.1
0.5
1
2.0
10
20
50
IPP, PEAK PULSE CURRENT, AMPS
WAVEFORM:
10×1000 IMPULSE
△VC=VC-V(
BR)
1.5KE200C-LF
1.5KE30C-LF
1.5KE39C-LF
1.5KE75C-LF
1.5KE11C-L
1.5KE7.5C-LF
1.5KE15C-LF


Similar Part No. - 1.5KE10CA-LF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1.5KE10CA-B DIODES-1.5KE10CA-B Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
logo
Littelfuse
1.5KE10CA-B LITTELFUSE-1.5KE10CA-B Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
logo
Comchip Technology
1.5KE10CA-G COMCHIP-1.5KE10CA-G Datasheet
146Kb / 5P
   1500W Transient Voltage Suppressor
1.5KE10CA-HF COMCHIP-1.5KE10CA-HF Datasheet
103Kb / 5P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE10CA-T DIODES-1.5KE10CA-T Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
More results

Similar Description - 1.5KE10CA-LF

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
SMCJ LEIDITECH-SMCJ Datasheet
913Kb / 6P
   1500W Transient Voltage Suppressor
1.5KE LEIDITECH-1.5KE Datasheet
886Kb / 5P
   1500W Transient Voltage Suppressor
SMB15J LEIDITECH-SMB15J Datasheet
558Kb / 4P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8A DIODES-1.5KE6V8A_1 Datasheet
72Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 10 - 2
1.5KE6V8A DIODES-1.5KE6V8A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
WeEn Semiconductors
SMCJ WEEN-SMCJ Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com