Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML0030TRPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRLML0030TRPBF
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML0030TRPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRLML0030TRPBF Datasheet HTML 2Page - International Rectifier IRLML0030TRPBF Datasheet HTML 3Page - International Rectifier IRLML0030TRPBF Datasheet HTML 4Page - International Rectifier IRLML0030TRPBF Datasheet HTML 5Page - International Rectifier IRLML0030TRPBF Datasheet HTML 6Page - International Rectifier IRLML0030TRPBF Datasheet HTML 7Page - International Rectifier IRLML0030TRPBF Datasheet HTML 8Page - International Rectifier IRLML0030TRPBF Datasheet HTML 9Page - International Rectifier IRLML0030TRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRLML0030TRPbF
8
www.irf.com
Micro3 (SOT-23/TO-236AB) Part Marking Information
Micro3 (SOT-23) Package Outline
Dimensions are shown in millimeters (inches)
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
e
E1
E
D
A
B
0.15 [0.006]
e1
1
2
3
M CB A
5
6
6
5
NOTES:
b
A1
3X
A
A2
A
B
C
M
0.20 [0.008]
0.10 [0.004] C
C
1. DIMENSIONING & TOLERANCING PER ANSI Y14.5M-1994
2. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
3. CONTROLLING DIMENSION: MILLIMETER.
4. DATUM PLANE H IS LOCATED AT THE MOLD PARTING LINE.
5. DATUM A AND B TO BE DETERMINED AT DATUM PLANE H.
6. DIMENSIONS D AND E1 ARE MEASURED AT DATUM PLANE H. DIMENSIONS DOES
NOT INCLUDE MOLD PROTRUSIONS OR INTERLEAD FLASH. MOLD PROTRUSIONS
OR INTERLEAD FLASH SHALL NOT EXCEED 0.25 MM [0.010 INCH] PER SIDE.
7. DIMENSION L IS THE LEAD LENGTH FOR SOLDERING TO A SUBSTRATE.
8. OUTLINE CONFORMS TO JEDEC OUTLINE TO-236 AB.
0.89
1.12
SYMBOL
MAX
MIN
A1
b
0.01
0.10
c
0.30
0.50
D
0.08
0.20
E
2.80
3.04
E1
2.10
2.64
e
1.20
1.40
A
0.95
BSC
L
0.40
0.60
08
MILLIMETERS
A2
0.88
1.02
e1
1.90
BSC
REF
0.54
L1
BSC
0.25
L2
 
BSC
!
REF
7T8Ã
&$
#
"$
INCHES
8
0
!#
 %
7T8
"&
$$
#&
 #
'"
 !
 
'
"
!
 !
#
0.0004
MIN
MAX
##
"$
DIMENSIONS
0.972
1.900
Recommended Footprint
0.802
0.950
2.742
3X L
c
L2
H 4
L1
7
AÃ2ÃDSGHG%#
6
!
6
!&
I‚‡r†)ÃUuv†Ãƒh…‡Ã€h…xvtÃvs‚…€h‡v‚Ãhƒƒyvr†Ã‡‚Ãqr‰vpr†Ãƒ…‚qˆprqÃhs‡r…Ã!!%!
GPUÃ8P9@
G@69ÃAS@@
96U@Ã8P9@
@Ã2ÃDSGHG%#!
YÃ2ÃQ6SUÃIVH7@SÃ8P9@ÃS@A@S@I8@)
9Ã2ÃDSGHG$ "
8Ã2ÃDSGHG%"!
7Ã2ÃDSGHG!'"
6Ã2ÃDSGHG!#!
XÃ2Ã !%ÃDAÃQS@8@9@9Ã7`ÃG6TUÃ9DBDUÃPAÃ86G@I96SÃ`@6S
XÃ2Ã!&$!ÃDAÃQS@8@9@9Ã7`Ã6ÃG@UU@S
`
'
!'
"
!"
!
`@6S
!!
!
$
!$
!#
#
!&
!%
&
%
! 

!(
(
`@6S
`
8
"
XPSF
X@@F

!
6
X
7
#
9
!#
!%
!$
Y
a
`
XPSF
X@@F
X
CÃ2ÃDSGHG$!"
BÃ2ÃDSGHG!$!
F
C
B
A
@
9
8
7
!%
!"
!!
!$
!#
!'
!&
! 
!(
E
!(
!'
"
8
7
9
$
Y
DÃÃ2ÃDSGHG"
EÃ2ÃDSGHG!"
GÃ2ÃDSGHG%
HÃ2ÃDSGHG#
FÃ2ÃDSGHG 
IÃ2ÃDSGHG!%
QÃ2ÃDSGHG("
SÃ2ÃDSGHG(""
8ˆÃXDS@
C6GPB@IÃAS@@
Q6SUÃIVH7@S


Similar Part No. - IRLML0030TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML0030TRPBF IRF-IRLML0030TRPBF Datasheet
197Kb / 10P
   HEXFETPower MOSFET
logo
ZP Semiconductor
IRLML0030TRPBF ZPSEMI-IRLML0030TRPBF Datasheet
282Kb / 2P
   HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML0030TRPBF VBSEMI-IRLML0030TRPBF Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
IRLML0030TRPBF-G TECHPUBLIC-IRLML0030TRPBF-G Datasheet
2Mb / 5P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - IRLML0030TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com