Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4216 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4216
Description  Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4216 Datasheet(HTML) 4 Page - Semtech Corporation

  SC4216_09 Datasheet HTML 1Page - Semtech Corporation SC4216_09 Datasheet HTML 2Page - Semtech Corporation SC4216_09 Datasheet HTML 3Page - Semtech Corporation SC4216_09 Datasheet HTML 4Page - Semtech Corporation SC4216_09 Datasheet HTML 5Page - Semtech Corporation SC4216_09 Datasheet HTML 6Page - Semtech Corporation SC4216_09 Datasheet HTML 7Page - Semtech Corporation SC4216_09 Datasheet HTML 8Page - Semtech Corporation SC4216_09 Datasheet HTML 9Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SC4216
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Dropout Voltage(1)(2)
V
DO
I
O =1.5A
250
350
mV
400
I
O = 2A
300
400
500
I
O = 2.5A
350
450
600
I
O =3A
450
550
700
I
O = 3A, 1.6V ≤ VIN ≤ 5.5V
400
500
650
Minimum Load Current(3)(4)
I
O
10
µA
Current Limit(4)
I
CL
3.5
4.5
5.0
A
Feedback
Reference Voltage(1)
V
REF
V
IN = 3.3V, VFB = VOUT , IO =10mA
0.495
0.5
0.505
V
0.490
0.510
Feedback Pin Current(4)
I
ADJ
V
FB = VREF
80
200
nA
Feedback Pin Threshold(5)
V
TH(FB)
0.05
0.10
0.15
V
EN
Enable Pin Current
I
EN
V
EN = 0V, VIN =3.3V
1.5
10
µA
Enable Pin Threshold
V
IH
V
IN=3.3V
1.6
V
V
IL
0.4
Over Temperature Protection
High Trip Level
T
HI
160
OC
Hysteresis
T
HYST
10
OC
Electrical Characteristics (continued)
Notes:
(1) Low duty cycle pulse testing with Kelvin connections required.
(2) V
DO = VIN -VO when VO decreases by 1.5% of its nominal output voltage with VIN = VO +0.8V.
(3) Required to maintain regulation. Voltage set resistors R1 and R2 are usually utilized to meet this requirement.
(4) Guaranteed by design.
(5) When V
FB exceeds this threshold, the “Sense Select” switch disconnects the internal feedback chain from the error ampli er and connects VFB
instead.


Similar Part No. - SC4216_09

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4216EVB SEMTECH-SC4216EVB Datasheet
219Kb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216H SEMTECH-SC4216H Datasheet
987Kb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216HEVB SEMTECH-SC4216HEVB Datasheet
987Kb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216HSETRT SEMTECH-SC4216HSETRT Datasheet
987Kb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216STRT SEMTECH-SC4216STRT Datasheet
219Kb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
More results

Similar Description - SC4216_09

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4217 SEMTECH-SC4217 Datasheet
355Kb / 11P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4217 SEMTECH-SC4217_09 Datasheet
357Kb / 11P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216H SEMTECH-SC4216H Datasheet
987Kb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
SC4216 SEMTECH-SC4216 Datasheet
219Kb / 9P
   Very Low Input /Very Low Dropout 3 Amp Regulator With Enable
logo
Texas Instruments
TPS7A7002 TI1-TPS7A7002 Datasheet
836Kb / 16P
[Old version datasheet]   Very Low Input, Very Low Dropout 3-Amp Regulator With Enable
logo
Semtech Corporation
SC4215A SEMTECH-SC4215A Datasheet
182Kb / 8P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4211 SEMTECH-SC4211 Datasheet
201Kb / 8P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4211 SEMTECH-SC4211_08 Datasheet
228Kb / 9P
   Very Low Input /Very Low Dropout 1 Amp Regulator With Enable
SC4215A SEMTECH-SC4215A_07 Datasheet
224Kb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
SC4215H SEMTECH-SC4215H Datasheet
1Mb / 9P
   Very Low Input /Very Low Dropout 2 Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com