Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML9301TRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRLML9301TRPBF
Description  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML9301TRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRLML9301TRPBF Datasheet HTML 1Page - International Rectifier IRLML9301TRPBF Datasheet HTML 2Page - International Rectifier IRLML9301TRPBF Datasheet HTML 3Page - International Rectifier IRLML9301TRPBF Datasheet HTML 4Page - International Rectifier IRLML9301TRPBF Datasheet HTML 5Page - International Rectifier IRLML9301TRPBF Datasheet HTML 6Page - International Rectifier IRLML9301TRPBF Datasheet HTML 7Page - International Rectifier IRLML9301TRPBF Datasheet HTML 8Page - International Rectifier IRLML9301TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRLML9301TRPbF
2
www.irf.com
G
D
S
Electric Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.02
–––
V/°C
–––
51
64
–––
82
103
VGS(th)
Gate Threshold Voltage
-1.3
–––
-2.4
V
IDSS
–––
–––
1
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
-100
Gate-to-Source Reverse Leakage
–––
–––
100
RG
Internal Gate Resistance
–––
12
–––
gfs
Forward Transconductance
5.0
–––
–––
S
Qg
Total Gate Charge
–––
4.8
–––
Qgs
Gate-to-Source Charge
–––
1.2
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
2.5
–––
td(on)
Turn-On Delay Time
–––
9.6
–––
tr
Rise Time
–––
19
–––
td(off)
Turn-Off Delay Time
–––
16
–––
tf
Fall Time
–––
15
–––
Ciss
Input Capacitance
–––
388
–––
Coss
Output Capacitance
–––
93
–––
Crss
Reverse Transfer Capacitance
–––
65
–––
Source - Drain Ratings and Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
14
21
ns
Qrr
Reverse Recovery Charge
–––
7.2
11
nC
–––
–––
–––
–––
pF
A
-1.3
-15
VDD =-15Vd
nA
nC
ns
VDS = VGS, ID = -10µA
VDS =-24V, VGS = 0V
VDS = -24V, VGS = 0V, TJ = 125°C
RDS(on)
VGS = -4.5V, ID = -2.9A d
Static Drain-to-Source On-Resistance
Drain-to-Source Leakage Current
µA
m
Conditions
VGS = 0V, ID = -250µA
Reference to 25°C, ID = -1mA
VGS = -10V, ID = -3.6A d
MOSFET symbol
showing the
VDS =-15V
Conditions
VGS = -4.5V
VGS = 0V
VDS = -25V
ƒ = 1.0KHz
RG = 6.8Ω
VGS = -4.5V d
di/dt = 100A/µs
d
VGS = -20V
VGS = 20V
TJ = 25°C, IS = -1.3A, VGS = 0V d
integral reverse
p-n junction diode.
VDS = -10V, ID =-3.6A
ID = -3.6A
ID = -1A
TJ = 25°C, VR = -24V, IF=-1.3A


Similar Part No. - IRLML9301TRPBF

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
IRLML9301TRPBF ZPSEMI-IRLML9301TRPBF Datasheet
301Kb / 2P
   HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML9301TRPBF VBSEMI-IRLML9301TRPBF Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
IRLML9301TRPBF TECHPUBLIC-IRLML9301TRPBF Datasheet
3Mb / 3P
   P-Channel 20-V(D-S) MOSFET
More results

Similar Description - IRLML9301TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com