Electronic Components Datasheet Search |
|
IRLML9303TRPBF Datasheet(PDF) 1 Page - International Rectifier |
|
IRLML9303TRPBF Datasheet(HTML) 1 Page - International Rectifier |
1 / 10 page 05/27/2010 IRLML9303TRPbF HEXFET® Power MOSFET PD - 97519 www.irf.com 1 ORDERING INFORMATION: See detailed ordering and shipping information on the last page of this data sheet. Notes through are on page 10 Micro3TM (SOT-23) IRLML9303TRPbF Features and Benefits 6 * ' Application(s) • System/Load Switch Absolute Maximum Ratings Symbol Parameter Units VDS Drain-Source Voltage V ID @ TA = 25°C Continuous Drain Current, VGS @ 10V ID @ TA = 70°C Continuous Drain Current, VGS @ 10V IDM Pulsed Drain Current PD @TA = 25°C Maximum Power Dissipation PD @TA = 70°C Maximum Power Dissipation Linear Derating Factor W/°C VGS Gate-to-Source Voltage V TJ, TSTG Junction and Storage Temperature Range °C Thermal Resistance Symbol Parameter Typ. Max. Units RθJA Junction-to-Ambient e ––– 100 RθJA Junction-to-Ambient (t<10s) f ––– 99 0.80 -12 W °C/W A Max. -2.3 -1.8 -55 to + 150 ± 20 0.01 -30 1.25 Features Benefits Industry-standard pinout Multi-vendor compatibility Compatible with existing Surface Mount Techniques results in Easier manufacturing RoHS compliant containing no lead, no bromide and no halogen ⇒ Environmentally friendly MSL1, Consumer qualification Increased reliability VDS -30 V VGS Max ± 20 V RDS(on) max (@VGS = -10V) 165 m Ω RDS(on) max (@VGS = -4.5V) 270 m Ω |
Similar Part No. - IRLML9303TRPBF |
|
Similar Description - IRLML9303TRPBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |