Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRUH330118AK Datasheet(PDF) 8 Page - International Rectifier

Part # IRUH330118AK
Description  3.3VIN to 1.8VOUT @3.0A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH330118AK Datasheet(HTML) 8 Page - International Rectifier

  IRUH330118AK Datasheet HTML 1Page - International Rectifier IRUH330118AK Datasheet HTML 2Page - International Rectifier IRUH330118AK Datasheet HTML 3Page - International Rectifier IRUH330118AK Datasheet HTML 4Page - International Rectifier IRUH330118AK Datasheet HTML 5Page - International Rectifier IRUH330118AK Datasheet HTML 6Page - International Rectifier IRUH330118AK Datasheet HTML 7Page - International Rectifier IRUH330118AK Datasheet HTML 8Page - International Rectifier IRUH330118AK Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
www.irf.com
IRUH330118AK
IRUH330118AP
Fig 7. Case Outline and Dimensions - 8-Lead Flat Pack (Lead Form Down)
Pin Assignment
Pin #
Pin Description
1GND
2GND
3
SHUTDOWN
4
VSENSE
5
VOUT
6
VOUT
7
VIN
8VIN
Pin Assignment
Pin #
Pin Description
1GND
2GND
3
SHUTDOWN
4
VSENSE
5
VOUT
6
VOUT
7VIN
8VIN
Note:
1) All dimensions are in inches
Note:
1) All dimensions are in inches
Fig 8. Case Outline and Dimensions - 8-Lead Flat Pack (Lead Trimmed)
Warning: This Product contains BeO
Warning: This Product contains BeO


Similar Part No. - IRUH330118AK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330118AKB IRF-IRUH330118AKB Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118AKC IRF-IRUH330118AKC Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
IRUH330118AK IRF-IRUH330118AK_12 Datasheet
167Kb / 9P
   Radiation Hardended Ultra Low Dropout Fixed Positive Linear Regulator
More results

Similar Description - IRUH330118AK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH330125AK IRF-IRUH330125AK Datasheet
206Kb / 9P
   3.3VIN to 2.5VOUT @3.0A
IRUH3301A1AK IRF-IRUH3301A1AK Datasheet
188Kb / 9P
   3.3VIN to VADJ @3.0A
IRUH330125AK IRF-IRUH330125AK_12 Datasheet
170Kb / 9P
   3.3VIN to 2.5VOUT @3.0A
IRUH33P253A1M IRF-IRUH33P253A1M Datasheet
80Kb / 8P
   Positive Fixed Linear Regulator 3.3Vin to 2.5Vout at 3.0A
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
IRUH330133AK IRF-IRUH330133AK_12 Datasheet
168Kb / 9P
   5.0VIN to 3.3VOUT @3.0A
IRUH3301A2AK IRF-IRUH3301A2AK Datasheet
179Kb / 8P
   5.0VIN to VADJ @3.0A
IRUH330133AK IRF-IRUH330133AK Datasheet
207Kb / 9P
   5.0VIN to 3.3VOUT @3.0A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com