Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5749 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5749
Description  Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5749 Datasheet HTML 4Page - Analog Devices AD5749 Datasheet HTML 5Page - Analog Devices AD5749 Datasheet HTML 6Page - Analog Devices AD5749 Datasheet HTML 7Page - Analog Devices AD5749 Datasheet HTML 8Page - Analog Devices AD5749 Datasheet HTML 9Page - Analog Devices AD5749 Datasheet HTML 10Page - Analog Devices AD5749 Datasheet HTML 11Page - Analog Devices AD5749 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD5749
Rev. 0 | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
TOP VIEW
(Not to Scale)
AD5749
1
SDO/VFAULT
2
CLRSEL
3
CLEAR
4
DVCC
5
GND
6
SYNC/RSET
7
SCLK/OUTEN
8
SDIN/R0
24 DNC
23 DNC
22 GND
21 GND
20 DNC
19 DNC
18 IOUT
17 AVDD
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED PADDLE IS TIED TO GND.
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SDO/VFAULT
Serial Data Output (SDO). In software mode, this pin is used to clock data from the input shift register in
readback mode. Data is clocked out on the rising edge of SCLK and is valid on the falling edge of SCLK.
This pin is a CMOS output.
2
CLRSEL
In hardware or software mode, this pin selects the clear value, either zero scale or midscale. In software
mode, this pin is implemented as a logic OR with the internal CLRSEL bit.
3
CLEAR
Active High Input. Asserting this pin sets the output current to zero-scale code or midscale of range
selected (user selectable). CLEAR is a logic OR with the internal CLEAR bit. See the Asynchronous Clear
(CLEAR) section for more details.
4
DVCC
Digital Power Supply.
5
GND
Ground Connection.
6
SYNC/RSET
Positive Edge-Sensitive Latch (SYNC). In software mode, a rising edge parallel loads the input shift
register data into the AD5749 and also updates the output.
Resistor Select (RSET). In hardware mode, this pin selects whether the internal or the external current
sense resistor is used.
If RSET = 0, the external sense resistor is chosen.
If RSET = 1, the internal sense resistor is chosen.
7
SCLK/OUTEN
Serial Clock Input (SCLK). In software mode, data is clocked into the input shift register on the falling
edge of SCLK. This pin operates at clock speeds up to 50 MHz.
Output Enable (OUTEN). In hardware mode, this pin acts as an output enable pin.
8
SDIN/R0
Serial Data Input (SDIN). In software mode, data must be valid on the falling edge of SCLK.
Range Decode Bit (R0). In hardware mode, this pin, in conjunction with R1, R2, and R3, selects the output
current range setting on the part.
9
AD2/R1
Device Addressing Bit (AD2). In software mode, this pin, in conjunction with AD0 and AD1, allows up to
eight devices to be addressed on one bus.
Range Decode Bit (R1). In hardware mode, this pin, in conjunction with R0, R2, and R3, selects the output
current range setting on the part.
10
AD1/R2
Device Addressing Bit (AD1). In software mode, this pin, in conjunction with AD0 and AD2, allows up to
eight devices to be addressed on one bus.
Range Decode Bit (R2). In hardware mode, this pin, in conjunction with R0, R1, and R3, selects the output
current range setting on the part.
11
AD0/R3
Device Addressing Bit (AD0). In software mode, this pin, in conjunction with AD1 and AD2, allows up to
eight devices to be addressed on one bus.
Range Decode Bit (R3). In hardware mode, this pin, in conjunction with R0, R1, and R2, selects the output
current range setting on the part.


Similar Part No. - AD5749

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5749 AD-AD5749 Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
AD5749ACPZ AD-AD5749ACPZ Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
AD5749ACPZ-RL7 AD-AD5749ACPZ-RL7 Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
AD5749 AD-AD5749_18 Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
More results

Similar Description - AD5749

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5751 AD-AD5751_18 Datasheet
623Kb / 32P
   Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
AD5749 AD-AD5749_18 Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
AD5751 AD-AD5751 Datasheet
269Kb / 22P
   Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
Rev. PrA
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
AD5750 AD-AD5750_09 Datasheet
713Kb / 36P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
logo
Intersil Corporation
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
370Kb / 13P
   Guaranteed Lower Max Supply Current for All Temperature Ranges
logo
Linear Technology
LT6210 LINER-LT6210_15 Datasheet
351Kb / 18P
   Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
LT6210 LINER-LT6210 Datasheet
457Kb / 16P
   Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com