Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5749ACPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD5749ACPZ
Description  Industrial Current Out Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5749ACPZ Datasheet(HTML) 4 Page - Analog Devices

  AD5749ACPZ Datasheet HTML 1Page - Analog Devices AD5749ACPZ Datasheet HTML 2Page - Analog Devices AD5749ACPZ Datasheet HTML 3Page - Analog Devices AD5749ACPZ Datasheet HTML 4Page - Analog Devices AD5749ACPZ Datasheet HTML 5Page - Analog Devices AD5749ACPZ Datasheet HTML 6Page - Analog Devices AD5749ACPZ Datasheet HTML 7Page - Analog Devices AD5749ACPZ Datasheet HTML 8Page - Analog Devices AD5749ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5749
Rev. 0 | Page 4 of 28
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT CHARACTERISTICS2
Current Loop Compliance
Voltage
0
AVDD − 2.75
V
Resistive Load
Chosen such that compliance is not exceeded
Inductive Load
See the Test Conditions/
Comments column
H
Needs appropriate capacitor at higher inductance
values; see the Driving Inductive Loads section
Settling Time
4 mA to 20 mA, Full-Scale
Step
8.5
μs
250 Ω load
120 μA Step, 4 mA to
20 mA Range
1.2
μs
250 Ω load
DC PSRR
1
μA/V
Output Impedance
130
DIGITAL INPUTS2
JEDEC compliant
Input High Voltage, VIH
2
V
Input Low Voltage, VIL
0.8
V
Input Current
−1
+1
μA
Per pin
Pin Capacitance
5
pF
Per pin
DIGITAL OUTPUTS2
FAULT, IFAULT, TEMP, VFAULT
VOL, Output Low Voltage
0.4
V
10 kΩ pull-up resistor to DVCC
0.6
V
At 2.5 mA
VOH, Output High Voltage
3.6
V
10 kΩ pull-up resistor to DVCC
SDO
VOL, Output Low Voltage
0.5
0.5
V
Sinking 200 μA
VOH, Output High Voltage
DVCC − 0.5
DVCC − 0.5
V
Sourcing 200 μA
High Impedance Output
Capacitance
3
pF
High Impedance Leakage
Current
−1
+1
μA
POWER REQUIREMENTS
AVDD
10.8
55
V
DVCC
Input Voltage
2.7
5.5
V
AIDD
4.4
5.6
mA
Output unloaded, output disabled;
R3, R2, R1, R0 = 0000, RSET = 0
5.2
6.2
mA
Output enabled
DICC
0.3
1
mA
VIH = DVCC, VIL = GND
Power Dissipation
108
mW
AVDD = 24 V, output unloaded
1 Temperature range: −40°C to +105°C; typical at +25°C.
2 Guaranteed by design and characterization, not production tested.


Similar Part No. - AD5749ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5749ACPZ AD-AD5749ACPZ Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
AD5749ACPZ-RL7 AD-AD5749ACPZ-RL7 Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
More results

Similar Description - AD5749ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5751 AD-AD5751_18 Datasheet
623Kb / 32P
   Industrial I/V Output Driver, Single-Supply, 55 V Maximum Supply, Programmable Ranges
AD5749 AD-AD5749_18 Datasheet
548Kb / 28P
   Industrial Current Out Driver, Single-Supply
AD5751 AD-AD5751 Datasheet
269Kb / 22P
   Industrial I/V Output Driver, Single Supply, 60v Compliance, Programmable Ranges
Rev. PrA
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
AD5750 AD-AD5750_09 Datasheet
713Kb / 36P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
logo
Intersil Corporation
ICL7660ACPA INTERSIL-ICL7660ACPA Datasheet
370Kb / 13P
   Guaranteed Lower Max Supply Current for All Temperature Ranges
logo
Linear Technology
LT6210 LINER-LT6210_15 Datasheet
351Kb / 18P
   Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
LT6210 LINER-LT6210 Datasheet
457Kb / 16P
   Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com