Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5755BCPZx Datasheet(PDF) 25 Page - Analog Devices

Part # AD5755BCPZx
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5755BCPZx Datasheet(HTML) 25 Page - Analog Devices

Back Button AD5755BCPZx Datasheet HTML 21Page - Analog Devices AD5755BCPZx Datasheet HTML 22Page - Analog Devices AD5755BCPZx Datasheet HTML 23Page - Analog Devices AD5755BCPZx Datasheet HTML 24Page - Analog Devices AD5755BCPZx Datasheet HTML 25Page - Analog Devices AD5755BCPZx Datasheet HTML 26Page - Analog Devices AD5755BCPZx Datasheet HTML 27Page - Analog Devices AD5755BCPZx Datasheet HTML 28Page - Analog Devices AD5755BCPZx Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Preliminary Technical Data
AD5755/AD5735
Rev. PrG | Page 25 of 34
Table 30. Software Register Functions
User Program Bit
This bit is mapped to bit D11 of the Status Register. When this bit is set to 1 bit D11 of the Status Register is set to
1. Likewise when D12 is set to 0 bit D11 of the Status Register is also set to zero. This feature can be used to
ensure the SPI pins are working correctly by writing known bit to this register and reading back corresponding
bit from the Status Register.
RESET CODE/SPI CODE
Option
Description
RESET CODE
Writing 0x555 to D11-D0 performs a reset.
SPI CODE
If Watchdog Timer feature enabled, 0x195 must be written to the Software Register
(D11-D0) within every timeout period to ensure valid data communication path.
DC-DC CONTROL REGISTER
The DC-DC Control Register allows the user control over the DC-DC Switching Frequency, and of the phase of when the per channel
switching starts. The maximum allowable DC-DC output frequency is also programmable.
Table 31. Programming the DC-DC Control Register
MSB
LSB
D15
D14
D13
D12 to D7
D5 to D4
D3 to D2
D1 to D0
0
1
1
X
DC-DC Phase
DC-DC Freq
DC-DC MaxV
Table 32. DC-DC Control Register Options
Option
Description
DC-DC Phase
User Programmable DC-DC Phase (Between Channels)
00 = All DC-DCs clock on same edge
01 = ChanA, ChanB clock on same edge, ChanC & ChanD clock on opposite edge
10 = ChanA, ChanC clock on same edge, ChanB & ChanD on opposite edge
11 = ChanA, ChanB, ChanC, ChanD clock 90' out of phase from each other
DC-DC Freq
User Programmable DC-DC Switching Frequency:
00 = 250 Khz
01 = 406 Khz
10 = 649 Khz
11 = 812 Khz
DC-DCMaxV
Maximum allowed VBOOST voltage supplied by the DC-DC.
00 = 25V ±1V
01 = 27.3 ±1V
10 = 28.6 ±1V
11 = 30 ±1V
SLEW RATE CONTROL REGISTER
This register is used to program the slew rate control for the selected DAC Channel. The CREG bits are set to ‘0,0,0’ to select the Slew
Rate Control Register. SR_CLOCK and SR_STEP allow the user to control the rate of the output SLEW. This feature is available on both
the current and voltage outputs. With the slew rate control feature disabled the output value will change at a rate limited by the output
drive circuitry and the attached load. SE enables output slew rate control. It can be both programmed and enabled/disabled on a per
channel basis. For more information see the features section.
Table 33. Programming the Slew Rate Control Register
D15
D14
D13
D12
D11-D7
D6 to D3
D2 to D0
0
0
0
SE
X
SR_CLOCK
SR_STEP


Similar Part No. - AD5755BCPZx

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5755BCPZ-REEL7 AD-AD5755BCPZ-REEL7 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
More results

Similar Description - AD5755BCPZx

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757 Datasheet
909Kb / 31P
   Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5370 AD-AD5370_15 Datasheet
652Kb / 29P
   40-Channel,16-Bit, Serial Input, Voltage Output DAC
REV. 0
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com