Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5757x Datasheet(PDF) 6 Page - Analog Devices

Part # AD5757x
Description  Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5757x Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5757x Datasheet HTML 2Page - Analog Devices AD5757x Datasheet HTML 3Page - Analog Devices AD5757x Datasheet HTML 4Page - Analog Devices AD5757x Datasheet HTML 5Page - Analog Devices AD5757x Datasheet HTML 6Page - Analog Devices AD5757x Datasheet HTML 7Page - Analog Devices AD5757x Datasheet HTML 8Page - Analog Devices AD5757x Datasheet HTML 9Page - Analog Devices AD5757x Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
AD5757/AD5737
Preliminary Technical Data
Rev. PrD | Page 6 of 31
TIMING CHARACTERISTICS
AVDD = 15V, AVSS = 0V/-15 V, VBOOSTA,B,C,D = +10.8 V to +33 V, DVDD = AVCC = 2.7 V to 5.5 V, DCDC disabled, AGND = DGND =
GNDSWA,B,C,D = 0 V, REFIN= +5, VOUT : RL = 1kΩ, CL = 220pF, IOUT : RL = 300Ω, all specifications TMIN to TMAX unless otherwise noted.
Table 4.
Parameter1, 2,3
Limit at TMIN, TMAX
Unit
Description
t1
33
ns min
SCLK cycle time
t2
13
ns min
SCLK high time
t3
13
ns min
SCLK low time
t4
13
ns min
SYNC falling edge to SCLK falling edge setup time
t5
13
ns min
24/32nd SCLK falling edge to SYNC rising edge
t6
198
ns min
SYNC high time
t7
5
ns min
Data setup time
t8
5
ns min
Data hold time
t9
20
µs min
SYNC rising edge to LDAC falling edge (all DACs updated or any
channel has digital slew rate control enabled)
5
µs min
SYNC rising edge to LDAC falling edge (single DAC updated)
t10
10
ns min
LDAC pulse width low
t11
500
ns max
LDAC falling edge to DAC output response time
t12
See AC Performance
Characteristics
µs max
DAC output settling time
t13
10
ns min
CLEAR high time
t14
TBD
µs max
CLEAR activation time
t15
25
ns max
SCLK rising edge to SDO valid (CL SDO = 35 pF)
t16
20
µs min
SYNC rising edge to DAC output response time (LDAC = 0) (all DACs
updated)
5
µs min
SYNC rising edge to DAC output response time (LDAC = 0) (single
DAC updated)
t17
500
ns min
LDAC falling edge to SYNC rising edge
t18
700
ns min
RESET pulsewidth
t19
20
µs min
SYNC high to next SYNC low (Ramp enabled)
5
µs min
SYNC high to next SYNC low (Ramp disabled)
1 Guaranteed by design and characterization; not production tested.
2 All input signals are specified with tR = tF = 5 ns (10% to 90% of DVDD) and timed from a voltage level of 1.2 V.
3 See Figure 2 , Figure 3 , Figure 4 and Figure 5


Similar Part No. - AD5757x

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5757 AD-AD5757 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5757 AD-AD5757 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5757 AD-AD5757 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5757ACPZ AD-AD5757ACPZ Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5757ACPZ-REEL7 AD-AD5757ACPZ-REEL7 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
More results

Similar Description - AD5757x

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5755-1 AD-AD5755-1 Datasheet
939Kb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD5755 AD-AD5755 Datasheet
1Mb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Rev. PrG
AD5757 AD-AD5757_11 Datasheet
1Mb / 44P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA Output DAC, Dynamic Power Control
REV. A
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5421 AD-AD5421 Datasheet
2Mb / 22P
   16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com