Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP160 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP160
Description  Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP160 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP160 Datasheet HTML 3Page - Analog Devices ADP160 Datasheet HTML 4Page - Analog Devices ADP160 Datasheet HTML 5Page - Analog Devices ADP160 Datasheet HTML 6Page - Analog Devices ADP160 Datasheet HTML 7Page - Analog Devices ADP160 Datasheet HTML 8Page - Analog Devices ADP160 Datasheet HTML 9Page - Analog Devices ADP160 Datasheet HTML 10Page - Analog Devices ADP160 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADP160/ADP161
Rev. 0 | Page 7 of 20
12
A
B
TOP VIEW
(Not to Scale)
ADP160
VIN
VOUT
EN
GND
Figure 6. 4-Ball WLCSP Pin Configuration, ADP160
Table 7. 4-Ball WLCSP Pin Function Descriptions, ADP160
Pin No.
Mnemonic
Description
A1
VIN
Regulator Input Supply. Bypass VIN to GND with a 1 μF or greater capacitor.
B1
EN
Enable Input. Drive EN high to turn on the regulator; drive EN low to turn off the regulator. For automatic
startup, connect EN to VIN.
A2
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 1 μF or greater capacitor.
B2
GND
Ground.


Similar Part No. - ADP160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1606 AD-ADP1606 Datasheet
520Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converters
Rev. D
ADP1606-1.8-EVALZ AD-ADP1606-1.8-EVALZ Datasheet
520Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converters
Rev. D
ADP1606ACPZN1.8-R7 AD-ADP1606ACPZN1.8-R7 Datasheet
520Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converters
Rev. D
ADP1607 AD-ADP1607 Datasheet
626Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607 AD-ADP1607 Datasheet
520Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converters
Rev. D
More results

Similar Description - ADP160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP150 AD-ADP150 Datasheet
620Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
logo
Texas Instruments
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
logo
Analog Devices
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com