Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP160 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP160
Description  Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP160 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP160 Datasheet HTML 4Page - Analog Devices ADP160 Datasheet HTML 5Page - Analog Devices ADP160 Datasheet HTML 6Page - Analog Devices ADP160 Datasheet HTML 7Page - Analog Devices ADP160 Datasheet HTML 8Page - Analog Devices ADP160 Datasheet HTML 9Page - Analog Devices ADP160 Datasheet HTML 10Page - Analog Devices ADP160 Datasheet HTML 11Page - Analog Devices ADP160 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADP160/ADP161
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.8 V, VOUT = 3.3 V, IOUT = 1 mA, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted.
3.35
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 1µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 150mA
Figure 7. Output Voltage (VOUT) vs. Junction Temperature
3.35
3.25
3.27
3.29
3.31
3.33
3.26
3.28
3.30
3.32
3.34
0.001
0.01
1000
100
10
1
0.1
ILOAD (mA)
Figure 8. Output Voltage (VOUT) vs. Load Current (ILOAD)
3.35
3.25
3.27
3.29
3.31
3.33
3.26
3.28
3.30
3.32
3.34
3.7
5.5
5.3
5.1
4.9
4.7
4.5
4.3
4.1
3.9
VIN (V)
LOAD = 1µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 150mA
Figure 9. Output Voltage (VOUT) vs. Input Voltage
100
0.1
1
10
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
LOAD = 1µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 150mA
NO LOAD
Figure 10. Ground Current vs. Junction Temperature
100
0.1
1
10
0.001
0.01
1000
100
10
1
0.1
ILOAD (mA)
Figure 11. Ground Current vs. Load Current (ILOAD)
100
0.1
1
10
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
VIN (V)
LOAD = 1µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 150mA
NO LOAD
Figure 12. Ground Current vs. Input Voltage (VIN)


Similar Part No. - ADP160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1606 AD-ADP1606 Datasheet
520Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converters
Rev. D
ADP1606-1.8-EVALZ AD-ADP1606-1.8-EVALZ Datasheet
520Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converters
Rev. D
ADP1606ACPZN1.8-R7 AD-ADP1606ACPZN1.8-R7 Datasheet
520Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converters
Rev. D
ADP1607 AD-ADP1607 Datasheet
626Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converter
REV. C
ADP1607 AD-ADP1607 Datasheet
520Kb / 16P
   2 MHz, Synchronous Boost DC-to-DC Converters
Rev. D
More results

Similar Description - ADP160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
   Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
ADP121 AD-ADP121 Datasheet
986Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
   150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP150 AD-ADP150 Datasheet
620Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
   Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
logo
Texas Instruments
TPS76501-Q1 TI1-TPS76501-Q1 Datasheet
314Kb / 21P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATOR
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
logo
Analog Devices
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
   300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com