Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2303 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2303
Description  2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2303 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2303 Datasheet HTML 7Page - Analog Devices ADP2303 Datasheet HTML 8Page - Analog Devices ADP2303 Datasheet HTML 9Page - Analog Devices ADP2303 Datasheet HTML 10Page - Analog Devices ADP2303 Datasheet HTML 11Page - Analog Devices ADP2303 Datasheet HTML 12Page - Analog Devices ADP2303 Datasheet HTML 13Page - Analog Devices ADP2303 Datasheet HTML 14Page - Analog Devices ADP2303 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADP2302/ADP2303
Rev. 0 | Page 11 of 28
CH1 1.00mV
B
W
CH2 10.0V
M40.0µs
A CH1
1.26V
1
4
2
T 30.00%
VOUT
IL
SW
CH4 5.00A
Figure 34. Output Short, VOUT = 3.3 V, VIN = 12 V,
L = 4.7 μH, COUT = 2 × 47 μF
CH1 20.0mV
B
W
CH2 10.0V BW M1.00ms A CH3
11.0V
1
3
2
T 23.40%
VOUT
VIN
SW
CH3 5.00V BW
Figure 35. ADP2303 Line Transient, 7 V to 15 V, VOUT = 3.3 V, IOUT = 3 A,
L = 4.7 μH, COUT = 2 × 47 μF
1k
10k
80
64
48
32
16
0
–16
–32
–48
–64
–80
180
144
108
72
36
0
–36
–72
–108
–144
–180
100k
1M
CROSS FREQUENCY = 36kHz
PHASE MARGIN = 60°
FREQUENCY (Hz)
Figure 36. ADP2302 Bode Plot, VOUT = 2.5 V, VIN = 12 V,
L = 4.7 μH, COUT =3 × 22 μF
CH1 1.00V
B
W
CH2 10.0V
M400µs
A CH1
1.26V
1
4
2
T 30.00%
VOUT
IL
CH4 5.00A
SW
Figure 37. Output Short Recovery, VOUT = 3.3 V, VIN = 12 V,
L = 4.7 μH, COUT = 2 × 47 μF
CH1 20.0mV
B
W
CH2 10.0V BW M1.00ms
A CH3
11.0V
1
3
2
T 23.40%
VOUT
VIN
SW
CH3 5.00V BW
Figure 38. ADP2302 Line Transient, 7 V to 15 V, VOUT = 3.3 V, IOUT = 2 A,
L = 6.8 μH, COUT = 2 × 22 μF
1k
10k
80
64
48
32
16
0
–16
–32
–48
–64
–80
180
144
108
72
36
0
–36
–72
–108
–144
–180
100k
1M
CROSS FREQUENCY = 42kHz
PHASE MARGIN = 56°
FREQUENCY (Hz)
Figure 39. ADP2302 Bode Plot, VOUT = 3.3 V, VIN = 12 V,
L = 6.8 μH, COUT = 2 × 22 μF


Similar Part No. - ADP2303

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2303 AD-ADP2303 Datasheet
1Mb / 48P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
ADP2303 AD-ADP2303 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
ADP2303-EVALZ AD-ADP2303-EVALZ Datasheet
984Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
ADP2303ARDZ AD-ADP2303ARDZ Datasheet
984Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
ADP2303ARDZ-2.5 AD-ADP2303ARDZ-2.5 Datasheet
984Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
More results

Similar Description - ADP2303

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2302 AD-ADP2302_12 Datasheet
984Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
ADP2300AUJZ-R7 AD-ADP2300AUJZ-R7 Datasheet
608Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2300 AD-ADP2300 Datasheet
690Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. 0
ADP2301AUJZ-R7 AD-ADP2301AUJZ-R7 Datasheet
608Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
logo
Texas Instruments
TPS65268-Q1 TI1-TPS65268-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   4-V to 8-V, 3-A, 2-A, 2-A Triple Synchronous Step-Down Converter
logo
STMicroelectronics
ST1S10 STMICROELECTRONICS-ST1S10 Datasheet
787Kb / 26P
   3 A, 900 kHz, monolithic synchronous step-down regulator
logo
Analog Devices
ADP2381 AD-ADP2381 Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
logo
Monolithic Power System...
MP2235S MPS-MP2235S Datasheet
1Mb / 19P
   High-Efficiency, 3 A, 16 V, 800 kHz Synchronous Step-Down Converter
logo
Texas Instruments
LMS3655-Q1 TI1-LMS3655-Q1 Datasheet
451Kb / 10P
[Old version datasheet]   3.5-A /5.5-A, 36-V Synchronous, 400-kHz, Step-Down Converter
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com