Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5971B Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5971B
Description  Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5971B Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5971B Datasheet HTML 4Page - Maxim Integrated Products MAX5971B Datasheet HTML 5Page - Maxim Integrated Products MAX5971B Datasheet HTML 6Page - Maxim Integrated Products MAX5971B Datasheet HTML 7Page - Maxim Integrated Products MAX5971B Datasheet HTML 8Page - Maxim Integrated Products MAX5971B Datasheet HTML 9Page - Maxim Integrated Products MAX5971B Datasheet HTML 10Page - Maxim Integrated Products MAX5971B Datasheet HTML 11Page - Maxim Integrated Products MAX5971B Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
8 ______________________________________________________________________________________
Single-Port, 40W, IEEE 802.3af/at,
PSE Controller with I2C
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
ZERO-CURRENT DETECTION WAVEFORM
WITH AC DISCONNECT ENABLED
MAX5971B toc13
100ms/div
0V
0mA
VAGND - VOUT
20V/div
IOUT
100mA/div
ZERO-CURRENT DETECTION WAVEFORM
WITH DC DISCONNECT ENABLED
MAX5971B toc12
100ms/div
0V
0mA
VAGND - VOUT
20V/div
IOUT
100mA/div
EN TO OUT TURN-OFF DELAY
MAX5971B toc11
100µs/div
0V
0V
0mA
VAGND - VOUT
20V/div
IOUT
200mA/div
VEN
5V/div
SHORT-CIRCUIT TRANSIENT RESPONSE
MAX5971B toc10
10µs/div
0V
0mA
VAGND - VOUT
20V/div
IOUT
5A/div
SHORT-CIRCUIT RESPONSE TIME
MAX5971B toc09
20ms/div
0V
0mA
VAGND - VOUT
20V/div
IOUT
200mA/div
OVERCURRENT TIMEOUT (240Ω TO 138Ω)
MAX5971B toc08
20ms/div
0V
0mA
VAGND - VOUT
20V/div
IOUT
200mA/div


Similar Part No. - MAX5971B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5971B MAXIM-MAX5971B Datasheet
1Mb / 46P
   Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
2016
MAX5971BETI++ MAXIM-MAX5971BETI+ Datasheet
1Mb / 46P
   Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
2016
MAX5971BEVKIT MAXIM-MAX5971BEVKIT Datasheet
2Mb / 22P
   IEEE 802.3af/at-Compliant PSE Circuit
2011
MAX5971B MAXIM-MAX5971B_V01 Datasheet
1Mb / 46P
   Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
2016
More results

Similar Description - MAX5971B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5971B MAXIM-MAX5971B_V01 Datasheet
1Mb / 46P
   Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
2016
MAX5984 MAXIM-MAX5984 Datasheet
2Mb / 22P
   Single-Port, 40W, IEEE 802.3af/at PSE Controller with Integrated MOSFET
Rev 0; 12/11
MAX5971A MAXIM-MAX5971A Datasheet
2Mb / 21P
   Single-Port, 40W, IEEE 802.3af/at PSE Controller with Integrated MOSFET
Rev 0; 1/10
logo
Linear Technology
LTC4263 LINER-LTC4263_15 Datasheet
359Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
LTC4263 LINER-LTC4263 Datasheet
356Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
logo
Maxim Integrated Produc...
MAX5980EVKIT MAXIM-MAX5980EVKIT Datasheet
1Mb / 28P
   IEEE 802.3af/at-Compliant PSE Circuit
Rev 0; 8/12
logo
Linear Technology
LTC4263CDE LINER-LTC4263CDE Datasheet
337Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
logo
Maxim Integrated Produc...
MAX5971BEVKIT MAXIM-MAX5971BEVKIT Datasheet
2Mb / 22P
   IEEE 802.3af/at-Compliant PSE Circuit
2011
logo
Silicon Laboratories
SI3460 SILABS-SI3460 Datasheet
435Kb / 22P
   IEEE 802.3af PSE INTERFACE AND DC-DC CONTROLLER
logo
Analog Devices
LTC9101-2A AD-LTC9101-2A Datasheet
2Mb / 34P
   12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com