Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19527EXE+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX19527EXE+
Description  Ultra-Low-Power, Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19527EXE+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX19527EXE+ Datasheet HTML 3Page - Maxim Integrated Products MAX19527EXE+ Datasheet HTML 4Page - Maxim Integrated Products MAX19527EXE+ Datasheet HTML 5Page - Maxim Integrated Products MAX19527EXE+ Datasheet HTML 6Page - Maxim Integrated Products MAX19527EXE+ Datasheet HTML 7Page - Maxim Integrated Products MAX19527EXE+ Datasheet HTML 8Page - Maxim Integrated Products MAX19527EXE+ Datasheet HTML 9Page - Maxim Integrated Products MAX19527EXE+ Datasheet HTML 10Page - Maxim Integrated Products MAX19527EXE+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Ultra-Low-Power, Octal, 12-Bit, 50Msps,
1.8V ADC with Serial LVDS Outputs
7
Typical Operating Characteristics (continued)
(VAVDD = 1.8V, VOVDD = 1.8V, internal reference, AIN = -0.5dBFS, differential clock, VCLKD = 1.5VP-P, fCLK = 50MHz, programmable
registers at default settings (Table 1), TA = -40NC to +85NC, typical values are at TA = +25NC, unless otherwise noted. Specifications
are 100% production tested at TA R +25NC. Specifications for TA < +25NC are guaranteed by design and characterization.)
DYNAMIC PERFORMANCE
vs. SAMPLING RATE
SAMPLING RATE (MHz)
45
40
35
30
65
70
75
80
85
90
60
25
50
SFDR
SNR
-THD
SINAD
DYNAMIC PERFORMANCE
vs. CLOCK DUTY CYCLE
CLOCK DUTY CYCLE (%)
65
60
55
50
45
40
35
30
70
65
70
75
80
85
90
60
SFDR
SNR
-THD
SINAD
SINGLE-ENDED CLOCK MODE
+6dB OVERDRIVE
OUTPUT CODE vs. SIGNAL PHASE
SIGNAL PHASE (DEGREES)
240
300
180
60
120
512
1024
1536
2048
3072
2560
3584
4096
0
0
360
CLIPPED AT
4095
CLIPPED AT
0
fIN = 5.3MHz
AIN = +6dBFS
DYNAMIC PERFORMANCE
vs. INPUT COMMON-MODE VOLTAGE
INPUT COMMON-MODE VOLTAGE (V)
1.10
1.05
1.00
0.95
1.15
65
70
75
80
85
90
60
SFDR
SNR
-THD
SINAD
DYNAMIC PERFORMANCE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
65
70
75
80
85
90
60
-40
85
SFDR
SNR
-THD
SINAD
+6dB OVERDRIVE
ERROR vs. SIGNAL PHASE
SIGNAL PHASE (DEGREES)
240
300
180
60
120
-0.75
-0.50
-0.25
0
0.50
0.25
0.75
1.00
-1.00
0
360
fIN = 5.3MHz
AIN = +6dBFS
CLIPPED AT
4095
CLIPPED AT
0
DYNAMIC PERFORMANCE
vs. ANALOG SUPPLY VOLTAGE
VAVDD (V)
1.90
1.85
1.80
1.75
1.70
1.65
1.95
65
70
75
80
85
90
60
SFDR
SNR
-THD
SINAD
NEAR-CARRIER NOISE SPECTRUM
vs. FREQUENCY OFFSET
FREQUENCY OFFSET (kHz)
3
1
-1
-3
-150
-140
-130
-120
-160
-5
5
SINGLE
CHANNEL
8-CHANNEL
COHERENT SUM
ANALOG SUPPLY CURRENT
vs. SAMPLING RATE (AVDD)
SAMPLING RATE (MHz)
45
40
35
30
20
40
60
80
100
120
140
160
180
8 CHANNELS
7 CHANNELS
4 CHANNELS
NAP MODE
0
25
50
1 CHANNEL


Similar Part No. - MAX19527EXE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19527EVKIT MAXIM-MAX19527EVKIT Datasheet
3Mb / 26P
   Low-Voltage and Low-Power Operation
Rev 0; 9/10
MAX19527EVKIT++ MAXIM-MAX19527EVKIT+ Datasheet
3Mb / 26P
   Low-Voltage and Low-Power Operation
Rev 0; 9/10
More results

Similar Description - MAX19527EXE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1437B MAXIM-MAX1437B_V01 Datasheet
456Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1437B MAXIM-MAX1437B Datasheet
333Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 12/08
MAX1434 MAXIM-MAX1434_11 Datasheet
421Kb / 22P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1437 MAXIM-MAX1437 Datasheet
410Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 4/05
MAX1437 MAXIM-MAX1437_V01 Datasheet
715Kb / 23P
   Octal, 12-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
2011
MAX1436 MAXIM-MAX1436 Datasheet
691Kb / 22P
   Octal, 10-Bit, 50Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1438 MAXIM-MAX1438 Datasheet
450Kb / 22P
   Octal, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs Serial LVDS Outputs
Rev 1; 2/11
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1438B MAXIM-MAX1438B Datasheet
1Mb / 21P
   Octal, 12-Bit, 64Msps, 1.8V ADC with Serial LVDS Outputs
Rev 0; 7/09
MAX1127 MAXIM-MAX1127 Datasheet
1Mb / 25P
   Quad, 12-Bit, 65Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 3/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com