Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19993ETX+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX19993ETX+
Description  Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19993ETX+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX19993ETX+ Datasheet HTML 1Page - Maxim Integrated Products MAX19993ETX+ Datasheet HTML 2Page - Maxim Integrated Products MAX19993ETX+ Datasheet HTML 3Page - Maxim Integrated Products MAX19993ETX+ Datasheet HTML 4Page - Maxim Integrated Products MAX19993ETX+ Datasheet HTML 5Page - Maxim Integrated Products MAX19993ETX+ Datasheet HTML 6Page - Maxim Integrated Products MAX19993ETX+ Datasheet HTML 7Page - Maxim Integrated Products MAX19993ETX+ Datasheet HTML 8Page - Maxim Integrated Products MAX19993ETX+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Dual, SiGe, High-Linearity, 1200MHz to 1700MHz
Downconversion Mixer with LO Buffer/Switch
5
5.0V_SUPPLY,_LOW-SIDE_INJECTION_AC_ELECTRICAL_CHARACTERISTICS_(continued)
(Typical Application Circuit (see Table 1). R1 = R4 = 681I, R2 = R5 = 1.82kI, VCC = 4.75V to 5.25V, RF and LO ports are driven from
50I sources, PLO = -6dBm to +3dBm, PRF = -5dBm, fRF = 1200MHz to 1700MHz, fLO = 1060MHz to 1560MHz, fIF = 140MHz, fRF > fLO,
TC = -40NC to +85NC. Typical values are at VCC = +5.0V, PRF = -5dBm, PLO = 0dBm, fRF = 1450MHz, fLO = 1310MHz, fIF = 140MHz,
TC = +25NC. All parameters are guaranteed by design and characterization, unless otherwise noted.) (Note 7)
3.3V_SUPPLY,_LOW_SIDE_INJECTION_AC_ELECTRICAL_CHARACTERISTICS
(Typical Application Circuit (see Table 1). R1 = R4 = 681I, R2 = R5 = 1.43kI. Typical values are at VCC = 3.3V, PRF = -5dBm, PLO = 0dBm,
fRF = 1450MHz, fLO = 1310MHz, fIF = 140MHz, TC = +25NC, unless otherwise noted.) (Note 7)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LO Leakage at IF Port
(Note 5)
-18
dBm
Channel Isolation (Note 5)
RFMAIN converted power measured at
IFDIV relative to IFMAIN, all unused ports
terminated to 50I
43
47
dB
RFDIV converted power measured at
IFMAIN relative to IFDIV, all unused ports
terminated to 50I
43
47
LO-to-LO Isolation
PLO1 = +3dBm, PLO2 = +3dBm,
fLO1 = 1310MHz, fLO2 = 1311MHz (Note 5)
47
57
dB
LO Switching Time
50% of LOSEL to IF settled within 2 degrees
50
ns
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
GC
(Note 5)
6.2
dB
Conversion Gain Flatness
D
GC
fRF = 1427MHz to 1463MHz
Q
0.05
dB
Gain Variation Over Temperature
TCCG
TC = -40NC to +85NC
-0.009
dB/NC
Input Compression Point
IP1dB
(Note 8)
12.8
dBm
Input Third-Order Intercept Point
IIP3
fRF1 - fRF2 = 1MHz
24.4
dBm
Input Third-Order Intercept Point
Variation Over Temperature
TCIIP3
fRF1 - fRF2 = 1MHz, PRF = -5dBm per tone,
TC = -40NC to +85NC
Q
0.8
dBm
Noise Figure
NFSSB
Single sideband, no blockers present
9.8
dB
Noise Figure Temperature
Coefficient
TCNF
Single sideband, no blockers present,
TC = -40NC to +85NC
0.016
dB/NC
2RF - 2LO Spur Rejection
2 x 2
PRF = -10dBm
73
dBc
PRF = -5dBm
68
3RF - 3LO Spur Rejection
3 x 3
PRF = -10dBm
80
dBc
PRF = -5dBm
70
RF Input Return Loss
LO and IF terminated into matched
impedance, LO on
21
dB
LO Input Return Loss
LO port selected, RF and IF terminated into
matched impedance
24
dB
LO port unselected, RF and IF terminated
into matched impedance
27


Similar Part No. - MAX19993ETX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1999 MAXIM-MAX1999 Datasheet
497Kb / 32P
   High-Efficiency, Quad Output, Main Power- Supply Controllers for Notebook Computers
Rev 1; 9/04
MAX1999 MAXIM-MAX1999 Datasheet
180Kb / 8P
   7V to 24V Input Voltage Range, 3.3V and 5V Output Voltages
Rev 0; 7/02
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX19994AETX++ MAXIM-MAX19994AETX+ Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX19994AETX+T MAXIM-MAX19994AETX+T Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
More results

Similar Description - MAX19993ETX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX19995A MAXIM-MAX19995A Datasheet
410Kb / 23P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/09
MAX9995 MAXIM-MAX9995_13 Datasheet
389Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 2; 12/12
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
   SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
MAX19985A MAXIM-MAX19985A Datasheet
1Mb / 23P
   Dual, SiGe, High-Linearity, 700MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com